PART |
Description |
Maker |
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
NCP511SN18T1 NCP511SN18T1G NCP511SN15T1G NCP511SN2 |
150 mA CMOS Low Iq Low-Dropout Voltage Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5
|
ONSEMI[ON Semiconductor]
|
MC33263-D |
Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
|
ON Semiconductor
|
NCP500SN30 NCP500SN18 NCP500SN25T1 NCP500SN25T1G N |
150 mA CMOS Low Noise Low-Dropout Voltage Regulator
|
ONSEMI[ON Semiconductor]
|
LP2985-XX LP2985-XXD |
Micropower 150 mA low noise, low dropout linear regulator
|
Philips Semiconductors
|
NCP4682DSQ33T1G NCP4685ESQ15T1G NCP4682HMU18TCG NV |
150 mA, Ultra Low Supply Current, Low Dropout Regulator 60 V, 24 m, 20 A, Single N?Channel Power MOSFET
|
ON Semiconductor
|
CS8321YDPR3G CS8321YDP3G CS8321YT3G |
Micropower 5.0 V, 150 mA Low Dropout Linear Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO3 Micropower 5.0 V, 150 mA Low Dropout Linear Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM3
|
ON Semiconductor
|
NCP623MN-40R2 NCP623DM-30R2G NCP623DM-40R2 NCP623D |
Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control 4 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO6 Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control 3 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO8 Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control 4 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO8 Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control 3 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO6 Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control 3.3 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO8 Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control 2.8 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO6
|
ON Semiconductor
|
AMS1508 AMS1508CM AMS1508CM-15 AMS1508CM-25 AMS150 |
2.85V 8A low dropout voltage regulator 1.5V 8A low dropout voltage regulator 3.0V 8A low dropout voltage regulator 2.5V 8A low dropout voltage regulator Dual 2-to-4 Line Decoder/Demultiplexer 16-SOIC -55 to 125 8A LOW DROPOUT VOLTAGE REGULATOR 8A条低压差稳压
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
G936T83T G936 G936T21B G936T21T G936T22B G936T22T |
3.6 V, 500 mA low dropout regulator 3.6V 500mA/400mA Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
GMT[Global Mixed-mode Technology Inc] Global Mixed-mode Technology Inc.
|