PART |
Description |
Maker |
MAX1792 MAX1792EUA MAX1792EUA15 MAX1792EUA18 MAX17 |
500mA, Low-Dropout Linear Regulator in µMAX FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.225 V DROPOUT, PDSO8 500mA Low-Dropout Linear Regulator in uMAX 500mA Low-Dropout Linear Regulator in MAX 500mA Low-Dropout Linear Regulator in レMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
S2930-33 |
250mA Fixed Low Dropout Voltage Regu lator
|
SeCoS Halbleitertechnologie GmbH
|
AZ2940T-5.0TR AZ2940D-5.0TRE1 AZ2940S-5.0TRE1 AZ29 |
10/PG/OP/LL/SLT/MTG FLNG 1A ULTRA LOW DROPOUT LINEAR REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2 1A ULTRA LOW DROPOUT LINEAR REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO3 1A ULTRA LOW DROPOUT LINEAR REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2 1A ULTRA LOW DROPOUT LINEAR REGULATOR 1A超低差线性稳压器 1A ULTRA LOW DROPOUT LINEAR REGULATOR A超低差线性稳压器 1A ULTRA LOW DROPOUT LINEAR REGULATOR 3.3 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufacturing, Ltd. BCD SEMICONDUCTOR MANUFACTURING LTD
|
TC1189 TC1188 TC-1188 TC-1189 TC1188QECTTR TC1188R |
Delivering up to 120mA, the TC1188 and TC1189 are fixed output, low-dropout linear regulators that operate from a 2.5V to 6.0V ... Delivering up to 120mA, the TC1188 and TC1189 are fixed output, low-dropout linear regulators that operate from a 2.5V to 6.0V input range. The 50A supply current remains independent of load, making these devices ideal for battery-opera MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
|
MICROCHIP[Microchip Technology]
|
SP1084V1-L-5-0T/R SP1084V2-L-8/TR SP1084V2-L-/TR S |
5A Low Dropout Linear Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, SFM3 ROHS COMPLIANT, TO-220, 3 PIN 5A Low Dropout Linear Regulator
|
Sipex Corporation Exar, Corp.
|
ADP3302AR4 ADP3302AR2 ADP3302 ADP3302AR5 |
High Precision anyCAP?Dual Low Dropout Linear Regulator Host-Controlled Multi-Chemistry Battery Charger With Low Input Power Detect 24-VQFN 0 to 125 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO8 High Precision anyCAPDual Low Dropout Linear Regulator
|
Analog Devices, Inc.
|
NCV8664DT33RKG NCV8664ST33T3G |
Very Low Iq Low Dropout Linear Regulator 3.3 V / 150 mA Very Low Quiescent Current LDO 3.3 V FIXED POSITIVE LDO REGULATOR, 1.266 V DROPOUT, PDSO3
|
ON Semiconductor
|
SG2003-2.8 SG2003-2.5 SG2003-2.5XN5_TR SG2003-2.85 |
400mA, Low Power, Low Noise, Low Dropout, Linear Regulators
|
Shengbang Microelectronics ... Shengbang Microelectronics Co, Ltd
|
NCV5662DSADJR4G |
Low Output Voltage, Ultra−Fast 2.0 A Low Dropout Linear Regulator with Enable ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO5
|
ON Semiconductor
|