PART |
Description |
Maker |
MA600AABC006 |
MA600 Spartan Screw-mount 3in1 Combination Antenna
|
Taoglas antenna solutio...
|
MA600AABC007 |
MA600 Spartan Screw Mount
|
Taoglas antenna solutio...
|
MA700WAABC001 |
Pantheon Antenna 3in1 MA700.W Screw-Mount (Permanent Mount) White Version
|
Taoglas antenna solutio...
|
MA650STAB003 |
Spartan ST Antenna 2in1 MA650 Low Profile Screw Mount (Permanent Mount)
|
Taoglas antenna solutio...
|
XCS05-3VQ100C XCS20XL |
From old datasheet system Spartan and Spartan-XL Families
Field Programmable Gate Arrays
|
XILINX
|
XCS30-4CS100I XCS05XL-4BG240I XCS05XL-4BG144I XCS0 |
Spartan and Spartan-XL Families Field Programmable Gate Arrays 斯巴达和Spartan - xL的家庭现场可编程门阵
|
Xilinx, Inc.
|
Z86L8108PSC Z86L8908PSC Z86L8708FSC |
CONN JACKSOCKET M2.5/M2 13.5MM SCREW MOUNT KIT .62 X .35 Jack Screw; Screw Length:18mm; Leaded Process Compatible:No; Material:Stainless Steel; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 8-BIT, MROM, 8 MHz, MICROCONTROLLER, PQFP44
|
ZiLOG, Inc.
|
045501.6 0455.500 |
Snap Action Basic Switch; Contact Current Max:500mA; Circuitry:SPDT; Switch Terminals:Screw; Actuator Style:Hinge Lever; Current Rating:15A; Mounting Type:Screw Terminal; Operating Force Max:70gf; Operating Position:19 mm RoHS Compliant: Yes Surface Mount Fuses - Subminiature Surface Mount 表面贴装保险超小型表面贴
|
Littelfuse, Inc.
|
0164-H-ABC0-D-E 0164 |
IEC Appliance Inlet C16, Screw-on Mounting, Front Side, Screw-on Terminal
|
Schurter Inc.
|
0163 |
IEC Appliance Inlet C16, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
|
Schurter Inc.
|