PART |
Description |
Maker |
BD9300 BD9300FV BD9300F |
DC-DC Converter, 1Watt, Input VDC: 5, Output VDC: 5, Max Output Current(A): 0.2, Package: SIP7, Isolation(VDC): 6000, Operating Temp. -40C to 85 1-channel DC/DC converter controller
|
http:// Rohm CO.,LTD.
|
JCE0312D03 JCE0312D12 JCE0312S05 JCE0348S12 JCE031 |
1500 VDC Isolation, 3000 VDC Option
|
XP Power Limited
|
VRAH-01FX20 VRAH-01FX50 |
NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 5.5 Vdc Input 12 Vdc/0.8 A & 15 Vdc/0.6 A Output 1-OUTPUT 9.6 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc. BEL FUSE INC
|
K103K10X7RF5UH5 |
Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
|
Vishay Siliconix
|
PI6C39911-5J PI6C39911-2J PI6C39911 PI6C399111J |
Clock IC | 500ps Accuracy. 3.3V. LVTTL. 3.75 to 110 MHz RTS Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 15V; Output Voltage (Vdc): 24V; Power: 2W; Assembly; High Power Density; Optional Continuous Short Circuit Protected; Efficiency to 85% 3.3高速LVTTL或平衡输出可编程偏差时钟缓冲 SuperClock 3.3V High Speed LVTTL or Balanced Output Programmable Skew Clock Buffer - SuperClock
|
Pericom Semiconductor, Corp. Pericom Semiconductor Corp. PERICOM[Pericom Semiconductor Corporation] Pericom Technology
|
NH050M-L NH033S1R8-L NH050S1R8-L NH033M-L |
Power Modules 5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
|
Lineage Power Corporation
|
XRAH-07C1A007 XRAH-07C1A0 SRAH-07C1A0 VRAH-07C1A0 |
NON-ISOLATED DC/DC CONVERTERS 3.3 Vdc Input 0.9 Vdc - 2.5 Vdc/7 A Output 1-OUTPUT 17.5 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
QRW025A0F QRW025A0F1 QRW025A0F1-H QRW025A0F1Z QRW0 |
36 Vdc - 75 Vdc Input, 1.2 to 3.3 Vdc Output; 25A
|
Lineage Power Corporation
|
SRXA-40AQ1L |
NON-ISOLATED DC/DC CONVERTERS 10.8 Vdc - 13.2 Vdc Input, 1.23, 2.5, 3.3, -12 Vdc/6, 1.5, 1.5, 2 A
|
Bel Fuse Inc.
|
HW012A0M1-SZ HW012A0M1 HW012A0M1-S HW012A0P1 HW012 |
36-75 Vdc Input; 1.2 Vdc to 5 Vdc Output; 6.6A to 12A
|
Lineage Power Corporation
|
BY255 BY251 BY252 BY253 BY254 |
RP40 (G) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 5V; Auxilary Voltage (Vdc): 12V; 2:1 Wide GENERAL PURPOSE PLASTIC RECTIFIER
|
GOOD-ARK[GOOD-ARK Electronics]
|