PART |
Description |
Maker |
AT1366BX-GRE |
1MHz,800mA Synchronous Buck Converter
|
Aimtron Technology Corp.
|
AT1366 AT1366X |
1MHZ 800MA SYNCHRONOUS BUCK CONTROLLER
|
Aimtron ETC[ETC] List of Unclassifed Manufacturers
|
MP2105_06 CR43-4R7 D01605T-472 D52LC DO1605T-103MX |
1MHz, 800mA Synchronous Step-Down Converter
|
Monolithic Power System... MPS[Monolithic Power Systems]
|
AT1367BN AT1367C AT1367DN AT1367A AT1367AN AT1367B |
1MHz, 800mA Synchronous Buck Converter With Power Good Detector & LDO
|
Aimtron Technology
|
LTC3417AIFE-2-PBF LTC3417AIFE-2-TRPBF LTC3417AEDHC |
Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 85°C DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO16 Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 85°C DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO20 Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
MP2109_06 EV2109DQ-00A MP2109 MP2109DQ |
Dual 1.2MHz, 800mA Synchronous Step-Down Converter
|
MPS[Monolithic Power Systems]
|
EUP3409 EUP3409JIR1 |
Dual 1.5MHz, 800mA Synchronous Step-Down Converter
|
Eutech Microelectronics Inc
|
EV2109DQ-00A |
Dual 1.2MHz, 800mA Synchronous Step-Down Converter .2MHz的,800mA的同步降压转换器
|
Monolithic Power Systems, Inc.
|
LTC3548-2 LTC3548EDD-2 LTC3548EDD-2TR |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
ISL8088 ISL8088IRZ ISL8088IRZ-T |
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
|
Intersil Corporation
|