PART |
Description |
Maker |
109361 109360 109362 109363 109364 109333 109332 |
MiniMez Vertical Male DIP without pegs 7,4mm
|
ERNI Electronics
|
109500 109501 109505 109507 109511 109502 109503 1 |
MiniMez Vertical Female DIP w/o pegs 4,6mm
|
ERNI Electronics
|
109693 |
MiniMez Male DIP Non-BM w/o Peg w/o Clip f. Female IDC
|
ERNI Electronics
|
109143 |
MiniMez Vertical Male SMT
|
ERNI Electronics
|
109200 109203 109206 109215 109218 109219 109201 1 |
MiniMez Vertical Male SMT
|
ERNI Electronics
|
109440 109441 109442 109443 109444 109429 109428 1 |
MiniMez Vertical Female SMT with Bracket&Pegs 12,6mm
|
ERNI Electronics
|
501645-1020 501645-3420 501645-1620 501645-2620 50 |
2.0 W/B Dual Grid Plug HsgAssy10CktBeige 10 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, SOLDER, PLUG 2.0 W/B Dual Grid Plug HsgAssy34CktBeige 34 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, SOLDER, PLUG 2.0 W/B Dual Grid Plug HsgAssy16CktBeige 16 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, SOLDER, PLUG 2.0 W/B Dual Grid Plug HsgAssy26CktBeige 26 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, SOLDER, PLUG 2.0 W/B Dual Grid Plug HsgAssy14CktBeige 14 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, SOLDER, PLUG
|
Molex, Inc.
|
1-1825057-0 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; ADE1204=DIP SWITCH,EXT,THRU/HL ( Tyco Electronics )
|
Tyco Electronics
|
M80-7540442 |
Datamate L-Tek DIL Male Vertical 4.5mm PC Tail Connector, unlatched, selective gold tin, 2 2-way 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5212042 |
Datamate J-Tek DIL Male Vertical 4.5mm PC Tail Connector, selective gold tin, no jackscrews, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
DRS-09P12 DRS-09S12 DRS-25P12 DRS-25S12 |
90隆? Solder Dip - Short Distance (Male / Female 5.08mm) 90° Solder Dip - Short Distance (Male / Female 5.08mm)
|
Yamaichi Electronics Co., Ltd.
|
|