PART |
Description |
Maker |
STM32F3DISCOVERY |
Discovery kit for STM32F303xx microcontrollers
|
ST Microelectronics
|
STM32F0DISCOVERY |
Discovery kit for STM32 F0 microcontrollers
|
STMicroelectronics
|
UM2032 |
Discovery kit with STM32F412ZG MCU
|
STMicroelectronics
|
STM8SVLDISCOVERY |
Discovery kit for STM8S Value Line - with STM8S003K3 MCU
|
ST Microelectronics
|
ST25R3911B-DISCO |
Discovery kit for the ST25R3911B high performance HF reader / NFC initiator
|
STMicroelectronics
|
25AA640T-I/SN 25AA640-I/ST 25AA640-I/P 25LC640X-E/ |
Evaluation Kit for the MAX1715 Evaluation Kit for the MAX1879 Evaluation Kit for the MAX1864 3µs, 12-Bit ADC Evaluation Kit for the MAX1717 Notebook CPU Step-Down Controller for Intel Mobile Voltage Positioning (IMVP-II) SPI串行EEPROM
|
Luxo, Corp.
|
STM32VLDISCOVERY |
STM32 value line Discovery
|
STMicroelectronics
|
5962-8757902XC 5962-8757901YX 5962-8757901XX 5962- |
Evaluation Kit for the MAX9713 500mW, Low EMI, Filterless, Class D Audio Amplifier Evaluation Kit for the MAX9710 Evaluation Kit for the MAX9716 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers Evaluation Kit for the MAX9715 Evaluation Kit for the MAX9704, MAX9714 Evaluation Kit/Evaluation System for the MAX9851 Transceiver 收发 Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers 收发
|
Air Cost Control Vishay Intertechnology, Inc.
|
5962-8751305XX 5962-8751304VX 5962-8751307VA 5962- |
Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies Evaluation Kit for the MAX8538 Evaluation Kit for the MAX8545, MAX8546, MAX8548 x4 SRAM x4的SRAM Evaluation Kit for the MAX8533 x1的SRAM Low-Noise, Regulated, Negative Charge Pump Power Supplies for GaAsFET Bias x1的SRAM High-Speed, Wide-Input, Single-Phase MOSFET Driver x4的SRAM Evaluation Kit for the MAX8530, MAX8531 x1的SRAM
|
Bel Fuse, Inc. Diotec Semiconductor AG Honeywell International, Inc.
|
RFM15N06L RFP15N06L RFP15N05L RFM15N05L RFM15N05 |
Motor Splicing Kit (3 splices/kit) RoHS Compliant: Yes POWER LOGIC LEVEL MOSFETS
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
Y15-24S5 Y15-24-12 Y15-48-15 Y15-24-15 Y15-48S5 Y1 |
KIT FOOT FOR 28-SOIC KIT DEVELOPMENT PSOC EXPRESS KIT USB DEVELOPMENT BOARD PSOC PROGRAM BOARD MCU 48-SSOP MCU EMULATOR POD FOR 28-SSOP 2K x 8 Static RAM 3.3V Zero Delay Buffer KIT FOOT FOR 8-SOIC KIT FOOT FOR 20-SSOP HOTLink® Transmitter/Receiver 4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores KIT FOOT FOR 44-TQFP 模拟IC Analog IC 模拟IC MCU PSOC EMU POD FOR ALL SSOP PK 模拟IC PSOC EMU POD FEET FOR 20-DIP
|
TE Connectivity, Ltd.
|
MV78100 MV78100-A0-BHO-C080 MV78100-A0-BHO-C100 MV |
Discovery?/a> Innovation Series CPU Family Hardware Specifications Discovery Innovation Series CPU Family Hardware Specifications Discovery垄芒 Innovation Series CPU Family Hardware Specifications
|
http:// Marvell Technology Group Ltd.
|