PART |
Description |
Maker |
K2201GRP K3601G K2501G K2401G K2401GRP K3601GRP K2 |
Teccor? brand Thyristors Teccor brand Thyristors Multipulse SIDACs
|
Littelfuse
|
S8012DRP |
Teccor? brand Thyristors 12 Amp Standard SCRs
|
Littelfuse
|
DXX25LTP DXX20LTP DXX15LTP D6015L D6015L59 D6015LT |
Silicon rectifiers that are excellent for DC phase control applications with motor loads. Teccor brand Thyristors 15 / 20 / 25 Amp Rectifiers
|
Littelfuse
|
Q6004L4 LQ4004LYTP L4004D6 L4004D3 L4004L3 Q4004L4 |
4 Amp bi-directional solid state switch series is designed for AC switching Teccor? brand Thyristors 4 Amp Sensitive & Standard Triacs
|
Littelfuse
|
SDP0080T023G5RP SDP0120T023G5RP SDP0180T023G5RP SD |
Teccor? brand SIDACtor? DSL Protection Devices
|
Littelfuse
|
04611.25ERT 0461.500ERT 0461002.ERT |
Telecom NANO2?Fuse and Teccor TeleLink? Fuse Telecom NANO2?Fuse 461 Series and Teccor TeleLink? Fuse
|
Littelfuse
|
CS19-12HO1NBSP CS19-12HO1S CS19-08HO1 CS19-08HO1S |
Phase Control Thyristors 29 A, 800 V, SCR, TO-220AB Phase Control Thyristors 29 A, 800 V, SCR, TO-263AB Phase Control Thyristors 29 A, 1200 V, SCR, TO-220AB Phase Control Thyristors 29 A, 1200 V, SCR, TO-263AB Phase Control Thyristors: PowerThyristor for Line Frequency Rectification
|
IXYS, Corp. IXYS[IXYS Corporation]
|
DK015L D8025L D2015L D2020L D2025 D2025L D4015L D4 |
Teccor manufactures 15 A rms to 25 A rms rectifiers with voltages rated from 200V to 1000V
|
LITTELFUSE[Littelfuse]
|
D4025LV |
15.9 A, 400 V, SILICON, RECTIFIER DIODE, TO-220AB Teccor manufactures 15 A rms to 25 A rms rectifiers
|
Littelfuse
|
CS23-08IO2 CS23-16IO2 |
Phase Control Thyristors 50 A, 800 V, SCR, TO-208AA Phase Control Thyristors 50 A, 1600 V, SCR, TO-208AA
|
IXYS, Corp.
|
BT152-400R BT152-400R127 BT152-600R127 |
Thyristors - I<sub>GT</sub>: 32 mA; I<sub>T</sub> (R<sub>MS</sub>): 20 A; V<sub>DRM</sub>: 650 V; Package: SOT78 (TO-220AB); Container: Tube pack Thyristors - I<sub>GT</sub>: 32 mA; I<sub>T</sub> (R<sub>MS</sub>): 20 A; V<sub>DRM</sub>: 450 V; Package: SOT78 (TO-220AB); Container: Tube pack From old datasheet system
|
NXP SEMICONDUCTORS
|