PART |
Description |
Maker |
P8SG-247R2ZH30 P8SG-0505ZH30 P8SG-053R6ZH30 P8SG-1 |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated dual output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P6LU-XXXXZH52 P6LU-0505ZH52 P6LU-053R3ZH52 P6LU-12 |
Input voltage:12V, output voltage /-15V ( /-34mA), 5.2KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-7.2V ( /-69mA), 5.2KV isolated 1W unregulated dual output 5.2 KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7 5.2千伏隔震1W的未稳压双输出SIP7 Input voltage:12V, output voltage /-5V ( /-100mA), 5.2KV isolated 1W unregulated dual output
|
PEAK[PEAK electronics GmbH]
|
NMA0512D NMA0512S NMA0515D NMA0515S NMA1212D NMA12 |
Isolated 1W Dual Output DC-DC Converters 2-OUTPUT 1 W DC-DC REG PWR SUPPLY MODULE ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS 隔震1W的双输出DC - DC变换
|
C&D TECHNOLOGIES INC Electronic Theatre Controls, Inc. CANDD[C&D Technologies] ETC[ETC] List of Unclassifed Manufacturers
|
NMV0515S NMV1215SA NMV0505D NMV0505DA NMV0505S NMV |
3kVDC Isolated 1W Single & Dual Output DC-DC Converters 3kVDC隔离1W的单 3kVDC Isolated 1W Single & Dual Output DC-DC Converters 2-OUTPUT 1 W DC-DC REG PWR SUPPLY MODULE 3kVDC Isolated 1W Single & Dual Output DC-DC Converters
|
CANDD[C&D Technologies] http://
|
PZ8GG-1515ZH30 PZ8GG-0505ZH30 PZ8GG-0512ZH30 PZ8GG |
Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:15V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output PZ8GGxxxxZH30 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12 Input voltage:12V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output
|
PEAK[PEAK electronics GmbH]
|
SLD10UAA SLD10UAY SLD10UBA SLD10UBB SLD10UBY SLD10 |
2-OUTPUT DC-DC REG PWR SUPPLY MODULE 320 x 240 pixel format, CFL backlight available with power harness SLD10系列10A非隔离式DC / DC转换器为5V.3V输入双输 320 x 240 pixel format, LED or CFL Backlight SLD10系列10A非隔离式DC / DC转换器为5V.3V输入双输 SLD10 Series . 10A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output SLD10系列10A非隔离式DC / DC转换器为5V.3V输入双输 SLD10 Series . 10A Non-Isolated DC/DC Converter 5V 3.3V Input Dual Output SLD10 Series . 10A Non-Isolated DC/DC Converter 5V/ 3.3V Input Dual Output
|
POWER-ONE INC Electronic Theatre Controls, Inc. POWER-ONE[Power-One]
|
RP03-1205DB RP03-483.3SB RP03-1205SB RP03-1212DB R |
3 Watt DIP24 & SMD, Single, Dual & Dual Isolated Output 3瓦特DIP24 3 WATT DIP24 & SMD, SINGLE, DUAL & DUAL ISOLATED OUTPUT
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
BA-0512DD1 BA-1212DD1 BA-2412DD1 BA-053R3D BA-XXXX |
0.5 to 1 Watt Isolated DC-DC Converter Single / Dual / Dual Separate Output
|
Bothhand USA, LP.
|
NTA1205MC NTA1209MC NTA1215MC NTA1212MC |
Isolated 1W Dual Output SM DC/DC Converters
|
Murata Manufacturing Co., Ltd.
|
NTA0315MC NTA0503MC NTA0505MC NTA0505MEC NTA0509MC |
Isolated 1W Dual Output SM DC/DC Converters
|
Murata Manufacturing Co., Ltd.
|
24D12.085RM |
Dual Output Isolated DC/DC converter (Out
|
Calex Electronics Limited
|