PART |
Description |
Maker |
FAN533105 FAN5331 |
High Efficiency Serial LED Driver and OLED Supply with 20V Integrated Switch
|
FAIRCHILD[Fairchild Semiconductor]
|
MJL21193 MJL21193-D MJL21194 |
Power 16A 250V NPN Silicon Power Transistors From old datasheet system TRANSISTOR,BJT,PNP,250V V(BR)CEO,160A I(C),TO-264 Power 16A 250V PNP
|
ON Semiconductor
|
CDST-21-G CDST-21A-G CDST-21C-G CDST-21S-G |
Switching Diodes Array, V-RRM=250V, V-R=250V, P-D=225mW, I-F=200mA
|
Comchip Technology
|
FDI33N25 |
250V N-Channel MOSFET 250V N沟道MOSFET
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
5HFP630-R 5HFP12-R 5HFP125-R 5HFP500-R 5HF160-R 5H |
Quick-acting Fuse Series(High-Breaking Capacity) Fuses, RoHS 800mA 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 0.8A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 8A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 315mA 250V F IEC CERM LEAD VERY FAST BLOW ELECTRIC FUSE, 0.315A, 250VAC, 1500A (IR), THROUGH HOLE Fuses, RoHS 3.15A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 3.15A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 4A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 4A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 6.3A 250V F IEC CERM LEAD Fuses, RoHS 100mA 250V F IEC CERM LEAD Fuses, RoHS 1A 250V F IEC CERM LEAD
|
Bel Fuse Inc. http:// Bel Fuse, Inc.
|
IRFP244B IRFP244BFP001 |
250V N-Channel B-FET / Substitute of IRFP244 & IRFP244A 250V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
IRFR224B IRFU224B IRFR224BTMFP001 IRFR224BTMNL |
250V N-Channel B-FET / Substitute of IRFR224 & IRFR224A 250V N-Channel MOSFET
|
Fairchild Semiconductor International Rectifier
|
CDBW120-G |
Schottky Barrier Rectifiers Diodes, V-RRM=20V, V-R=20V, I-O=1A
|
Comchip Technology
|
MP4211 |
Power MOS FET Module Silicon N Channel MOS Type (L2-pi-MOSV 4 in 1) High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
|
TOSHIBA
|
MP4411 |
Power MOS FET Module Silicon N Channel MOS Type (L2-pi-MOSV 4 in 1) High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
|
TOSHIBA
|
|