PART |
Description |
Maker |
LT8650S |
Dual Channel 42V, 4A Synchronous Step-Down Silent Switcher with 6.2μA Quiescent Current
|
Linear Technology
|
LT8610 LT8611 LT3990 LT3991 LT3980 LT3970 LT3971 L |
42V, 2.5A Synchronous Step-Down Regulator
|
Linear Technology
|
S6BP201A1AST2B00A S6BP201A2AST2B00A S6BP201A3AST2B |
ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
|
Cypress Semiconductor
|
LT8697EUDD LT8697IUDD |
USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
|
Linear Dimensions Semiconductor
|
LT3480 LT3970 |
42V, 2.5A Synchronous Step-Down Regulator 42V, 2.5A Synchronous Step-Down Regulator
|
Linear Technology
|
MAX17532 |
42V, 100mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter with 22碌A No-Load Supply Current
|
Maxim Integrated Products, Inc.
|
ADP1876-EVALZ ADP1876 |
600kHz Dual Output Synchronous Buck PWM Controller Plus Linear Regulator 600 kHz Dual Output Synchronous Buck
|
Analog Devices
|
LTC3548-2 LTC3548EDD-2 LTC3548EDD-2TR |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
IDT70V7599S IDT70V7599S-133BCI IDT70V7599S-133BFI |
128K x 36 Synchronous Bank-Switchable Dual-Port SRAM HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 高速与3.3V 3.3V28K的36 SYNCHRONOU开户银行可切换双端口静态RAM.5V的接
|
IDT Integrated Device Technology, Inc.
|
LTC1703CG LTC1703 |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID Synchronous 8-Bit Up/Down Binary Counters 24-PDIP 0 to 70
|
http:// Linear Technology Corporation
|
HD74LS193 74LS193 HD74LS193P |
Synchronous Up/Down 4-bit Binary Counter with Dual Clock Lines Synchronous Up/Down 4-bit Binary Counters(dual clock lines) Synchronous Up/Down Counter 同步减计数器
|
HITACHI[Hitachi Semiconductor] Renesas Electronics, Corp.
|
SC2447TSTRT SC2447EVB |
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
|
Semtech Corporation
|