PART |
Description |
Maker |
S7978 |
MOSFET, Switching; VDSS (V): -60; ID (A): -40; Pch : 50; RDS (ON) typ. (ohm) @10V: 0.02; RDS (ON) typ. (ohm) @4V[4.5V]: 0.033; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: -; toff (µs) typ: 25; Package: LDPAK (S)- (1)
|
Hamamatsu Photonics
|
S3902 S3903 S3903-1024Q S3903-512Q |
MOSFET, Switching; VDSS (V): 400; ID (A): 17; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V MOSFET, Switching; VDSS (V): 450; ID (A): 14; Pch : -; RDS (ON) typ. (ohm) @10V: 0.43; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V NMOS linear image sensor Current output, high UV sensitivity, excellent linearity, low power consumption MOSFET, Switching; VDSS (V): 450; ID (A): 22; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1800; toff (µs) typ: -; Package: TO-3P
|
Hamamatsu Photonics
|
2SK2415 |
Low On-Resistance RDS(on)1 = 0.10 MAX. ( VGS = 10 V, ID = 4.0A) Low Ciss Ciss = 570 pF TYP.
|
TY Semiconductor Co., Ltd
|
S3921 S3921-512Q S3921-128Q |
NMOS linear image sensor Voltage output type with current-integration readout circuit and impedance conversion circuit MOSFET, Switching; VDSS (V): 500; ID (A): 12; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.515; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1100; toff (µs) typ: 0.077; Package: TO-220FN
|
Hamamatsu Photonics
|
021-3220 021-4510 021-4520 021-2220 042-3300 021-4 |
KNOB BLACK KNOB GREY ZIFFERNSCHEIBE TYP 3 KNOPFDM 14.5 ZIFFERNSCHEIBE TYP 0 KNOPFDM 14.5 PFEILSCHEIBE DM36.0 SCHWARZ ZIFFERNSCHEIBE TYP 1 KNOPFDM 36.0 ZIFFERNSCHEIBE TYP 2 KNOPFDM 14.5 ZIFFERNSCHEIBE TYP 1 KNOPFDM 14.5 ZIFFERNSCHEIBE TYP 9 KNOPFDM 14.5 ZIFFERNSCHEIBE典型9 KNOPFDM 14.5 ZIFFERNSCHEIBE TYP 8 KNOPFDM 21.0 ZIFFERNSCHEIBE典型8 KNOPFDM 21.0
|
EPCOS AG
|
KO3404 |
VDS (V) = 30V ID =5.8 A (VGS=10V) RDS(ON) 28 m (VGS = 10V)
|
TY Semiconductor Co., Ltd
|
S2744 S2744-08 S2744-09 S3588-08 S3588-09 |
MOSFET, Switching; VDSS (V): 150; ID (A): 17; Pch : -; RDS (ON) typ. (ohm) @10V: 0.089; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V Si PIN photodiode Large area sensors for scintillation detection 硅PIN光电二极管的大面积闪烁探测传感器
|
Hamamatsu Photonics K.K.
|
0923162014 |
Picoflex PF-50 IDT-Board In, 20 Circuits, 0.14m (5.51) Length
|
Molex Electronics Ltd.
|
BAS116 |
Plastic SMD package Low leakage current: typ. 3 pA Switching time: typ. 0.8 us
|
TY Semiconductor Co., Ltd
|
1SS302 |
Low forward voltage:VF(3) = 0.9 V(Typ) Fast reverse recovery time:trr = 1.6 ns (Typ)
|
TY Semiconductor Co., Ltd
|