PART |
Description |
Maker |
AM29CPL154H-25DC AM29CPL154H-25/BXA AM29CPL154H-25 |
User Programmable Special Function ASIC 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTX2N7219 with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A JANTX2N6788U with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-259AA package; A IRFI260 with Standard Packaging 800V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRFAE40 with Standard Packaging -55V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package; A IRF5NJ5305 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9110 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFN340 with Standard Packaging 1000V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFNG50 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTXV2N7237 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANS2N7237 with Standard Packaging 40V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRL7N1404 with Standard Packaging 用户可编程ASIC的特殊功
|
Advanced Micro Devices, Inc.
|
K7805T-1000 K7801T-1000 K7802T-1000 K7803T-1000 |
WIDE INPUT, NON-ISOLATED & REGULATED SMD PACKAGE SINGLE OUTPUT
|
MORNSUN Science& Technology Ltd.
|
WRB4815ZT-1W5 WRB4805ZT-1W5 WRA4815ZT-1W5 WRA4805Z |
1.5W,WIDE INPUT ISOLATED®ULATED SINGLE/DUAL OUTPUT DC/DC CONVERTER MINIATURE SMD PACKAGE
|
Microdc power Technology Co., Ltd
|
TDA8024 TDA8024T/C1118 TDA8024AT TDA8024T TDA8024T |
IC card interface; Package: SOT136-1 (SO28); Container: Reel Pack, SMD, 13" SPECIALTY INTERFACE CIRCUIT, PDSO28 ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% IC卡接 Three specifically protected half-duplex bidirectional buffered I/O lines to card contacts C4, C7 and C8
|
NXP Semiconductors N.V. List of Unclassifed Manufacturers
|
IRHNJ59313 IRHNJ59713 IRHNJ593130 IRHNJ597130 IRHN |
-100V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a SMD-0.5 package RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5) -100V 1000kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a SMD-0.5 package
|
IRF[International Rectifier]
|
IRHNJ58Z30 IRHNJ53Z30 IRHNJ54Z30 IRHNJ57Z30 |
30V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-0.5 package RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5) 30V 1000kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-0.5 package
|
IRF[International Rectifier]
|
74AHC594PW118 74AHC594BQ115 74AHC594DB112 74AHC594 |
8-bit shift register with output register; Package: SOT403-1 (TSSOP16); Container: Reel Pack, SMD, 13" HC/UH SERIES, 8-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO16 8-bit shift register with output register; Package: SOT763-1 (DHVQFN16); Container: Reel Pack, SMD, 7" HC/UH SERIES, 8-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PQCC16 8-bit shift register with output register; Package: SOT338-1 (SSOP16); Container: Tube
|
NXP Semiconductors N.V.
|
IRHN7C50SE IRHN2C50SE IRHN2C50SE-15 |
Simple Drive Requirements 600V 50kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a SMD-1 package 600V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a SMD-1 package
|
International Rectifier
|
IRHNJ7330SE JANSR2N7465U3 IRHNJ7330SE-15 |
RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5) Simple Drive Requirements 400V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a SMD-0.5 package 400V 100kRad Hi-Rel Single N-Channel U3 Hardened MOSFET in a SMD-0.5 package
|
IRF[International Rectifier]
|
MAX549 MAX548 MAX548A MAX548ACPA MAX548ACUA MAX548 |
From old datasheet system 2.5V to 5.5V Low-Power Single/Dual 8-Bit Voltage-Output DACs in MAX Package 2.5V to 5.5V, Low-Power, Single/Dual,8-Bit Voltage-Output DACs in μMAX Package 2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in MAX Package 2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in レMAX Package
|
MAXIM[Maxim Integrated Products] Maixm
|