PART |
Description |
Maker |
HFD3-V/24-L2-S-R |
3kV dielectric strength
|
Hongfa Technology
|
TL1270F160REQBT |
DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
|
E-SWITCH
|
G6B-1114P-FD-US-U G6B-2214P-FD-US-U G6B-2214P-US G |
High Capacity and High Dielectric Strength Miniature Relay with Fully Sealed Construction in 5 A (8 A) SPST-NO (1a), SPST-NC (1b), DPST-NO (2a), DPST-NC (2b) Types High Capacity and High Dielectric Strength Miniature Relay with Fully Sealed Construction in 5 A (8 A) SPST-NO (1a), SPST-NC (1b), DPST-NO (2a), DPST-NC (2b) Types
|
Omron Electronics LLC
|
TAP600K20RE TAP600K22RE TAP600K4R0E TAP600K200E TA |
Dielectric Strength up to 12KV
|
Ohmite Mfg. Co.
|
DRD270UC120 DRD347UC154 DRD347UH154 DRT105U030F046 |
DISC TYPE DIELECTRIC RESONATOR, 1980 MHz - 2140 MHz DISC TYPE DIELECTRIC RESONATOR, 1540 MHz - 1660 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 5080 MHz - 5510 MHz DISC TYPE DIELECTRIC RESONATOR, 3860 MHz - 4190 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 8910 MHz - 9680 MHz DISC TYPE DIELECTRIC RESONATOR, 1820 MHz - 1970 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 3270 MHz - 3540 MHz DISC TYPE DIELECTRIC RESONATOR, 3000 MHz - 3260 MHz DISC TYPE DIELECTRIC RESONATOR, 3270 MHz - 3540 MHz DISC TYPE DIELECTRIC RESONATOR, 4200 MHz - 4550 MHz
|
MURATA MANUFACTURING CO LTD
|
1.5KE24ARL4 1.5KE220AG 1.5KE27ARL4G 1.5KE110ARL4G |
1500 Watt Mosorb TM Zener Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
1N6289ARL4G 1N6281ARL4G 1N6283ARL4G 1N6287ARL4G 1N |
1500 Watt Mosorb TM Zener Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
LC75 LC40 LC160 LC30 LC33 LC54 LC6.508 LC16 LC150 |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA Low Capacitance TVS; Package: DO-13; Ppp (W): 1500; Vwm (V): 20; VC (V): 35.8; ID ( uA): 5; Tol (%): 10; 1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
|
MICROSEMI CORP-SCOTTSDALE Microsemi Corporation
|
NA82 |
NA82 is an 8-input NAND gate with 2x drive strength. NA82 is an 8-input NAND gate with 2x drive strength.
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC] Austria Mikro Systems
|
TFMCJ65A TFMCJ90A TFMCJ TFMCJ10 TFMCJ100 TFMCJ100A |
GPP TRANSIENT VOLTAGE SUPPRESSOR (1500 WATT PEAK POWER 1.0 WATT STEADY STATE) 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB MILL 3 XD26; 16/10 24VDC 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
RECTRON[Rectron Semiconductor] http://
|
DRT210M040D093A DRT065M020D029B DRD319MC142B ME048 |
CYLINDRICAL TYPE DIELECTRIC RESONATOR, 2540 MHz - 2760 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 8200 MHz - 8910 MHz DISC TYPE DIELECTRIC RESONATOR, 1670 MHz - 1820 MHz DISC TYPE DIELECTRIC RESONATOR, 4960 MHz - 5400 MHz
|
MURATA MANUFACTURING CO LTD
|