PART |
Description |
Maker |
ISL9014IRFDZ ISL9014IRKPZ ISL9014IRPLZ ISL9014IRPP |
Dual LDO with Low Noise, Low IQ and High PSRR Dual LDO with Low Noise, Low IQ, and High PSRR; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil Corporation Intersil, Corp.
|
MC33076DR2 MC330761 MC33076P1 MC33076-D |
Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
|
ON Semiconductor
|
LT1810 LT1806 LT1807 |
325MHz, Single/Dual, Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps Dual 325MHz, Rail-to-Rail Input and Output, Low DistortionPrecision Op Amp
|
Linear Technology
|
ADP223 ADP225 ADP222 ADP224 |
Dual, 300 mA Adjustable Output, Low Noise, High PSRR Voltage Regulator Dual, 300 mA Adjustable Output, QOD, Low Noise, High PSRR Voltage Regulator Dual, 300 mA Fixed Output, Low Noise, High PSRR Voltage Regulator Dual, 300 mA Fixed Output, QOD, Low Noise, High PSRR Voltage Regulator
|
Analog Devices
|
EL2227 EL2227CSZ EL2227CSZ-T13 EL2227CSZ-T7 |
Dual, Op Amp, 115MHz, AV=2, Low Noise 1.9nV/√Hz, 2.5V-12V Dual Very Low Noise Amplifier
|
Intersil Corporation
|
HMC549MS8G HMC549MS8GE |
DUAL OUTPUT LOW NOISE AMPLIFIER, 0.04 - 0.96 GHz
|
Hittite Microwave Corpo... Hittite Microwave Corporation
|
AD8622 |
Dual, Low Power, Low Noise, Low Bias Current Precision Rail-to-Rail Output Op Amp
|
Analog Devices
|
WL2701E |
300mA, Low noise, High PSRR Dual Output LDO
|
TY Semiconductor Co., Ltd
|
AM27C010-150PI AM27C010-255PI AM27C010-255DCB AM27 |
Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nVrtHz Noise, Low Power Op Amps; Package: SO; No of Pins: 14; Temperature Range: -40°C to 85°C 165MHz, Rail-to-Rail Input and Output, 0.95nV/rtHz Low Noise, Op Amp Family; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C Very Low Noise, Differential Amplifier and 10MHz Lowpass Filter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 60MHz, Rail-to-Rail Output, 1.9nV/rtHz, 1.2mA Op Amp Family; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C x8 EPROM x8存储
|
Bourns, Inc. Advanced Micro Devices, Inc.
|
LT1807IS8-PBF LT1807IS8-TRPBF LT1806IS6-PBF LT1806 |
325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion,Low Noise Precision Op Amps
|
Linear Technology
|
|