PART |
Description |
Maker |
AT89LP52-20AU AT89LP52-20JU AT89LP51 AT89LP51-20AU |
8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQFP44 10 X 10 MM, 1 MM HEIGHT, 0.80 MM PITCH, GREEN, PLASTIC, MS-026ACB, TQFP-44 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDIP40 0.600 INCH, GREEN, PLASTIC, MS-011AC, DIP-40 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQCC44 GREEN, PLASTIC, MS-018AC, LCC-44 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQCC44 7 X 7 MM, 1 MM HEIGHT, 0.50 MM PITCH, GREEN, PLASTIC, MO-220VKKD-3, VQFN-44
|
ATMEL Corporation Atmel, Corp.
|
ATMEGA644PA-PU ATMEGA164PA-MU ATMEGA164PA-MUR ATME |
8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP40 0.600 INCH, GREEN, PLASTIC, MS-011AC, DIP-40 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC44 7 X 7 MM, 1 MM HEIGHT, 0.50 MM PITCH, GREEN, PLASTIC, MO-220VKKD-3, VQFN-44 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQFP44 10 X 10 MM, 1 MM HEIGHT, 0.80 MM PITCH, GREEN, PLASTIC, MS-026ACB, TQFP-44 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PBGA49 5 X 5 MM, 1 MM HEIGHT, 0.65 MM PITCH, GREEN, VFBGA-49 MCU AVR 32KB FLASH 40PDIP 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP40
|
Atmel, Corp.
|
IS89C52 IS89C52-12PL IS89C52-12PLI IS89C52-12PQ IS |
ECONOLINE: RY-S_DCP - Internal SMD Technology- 1kVDC Isolation- Short Circuit Protection: Current Limit- UL94V-0 Package Material- Regulated Output- No External Components Required- Efficiency to 63% 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQCC44 CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8-Kbytes of FLASH 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40
|
Integrated Silicon Solution Inc Integrated Silicon Solution, Inc.
|
PIC18F23K2010 PIC18F25K20-E_ML PIC18F25K20-E_P PIC |
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology 8-BIT, FLASH, 64 MHz, MICROCONTROLLER, PQCC44 8-BIT, FLASH, 64 MHz, MICROCONTROLLER, PQCC28
|
Microchip Technology
|
IS89C51-24PL IS89C51-40PQ IS89C51-40WI IS89C51-12P |
8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQCC44 PLASTIC, LCC-44 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQFP44 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQCC44
|
Atmel, Corp. INTEGRATED SILICON SOLUTION INC
|
AT89S52-33JL AT89S52-33SC AT89S52-24SI |
8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44 PLASTIC, MS-018AC, LCC-44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP42 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PDIP42
|
Atmel, Corp.
|
DSPIC33FJ06GS101 DSPIC33FJ06GSX02 DSPIC33FJ16GSX02 |
High-Performance, 16-bit Digital Signal Controllers 16-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC28 6 X 6 MM, 0.90 MM HEIGHT, LEAD FREE, PLASTIC, QFN-28 16-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDSO28 7.50 MM, LEAD FREE, PLASTIC, SOIC-28 16-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP28 0.300 INCH, LEAD FREE, PLASTIC, SDIP-28
|
Microchip Technology, Inc. Microchip Technology Inc.
|
ADUC7019BCPZ62I-RL ADUC7027BSTZ62-RL ADUC7029BBCZ6 |
32-BIT, FLASH, 44 MHz, RISC MICROCONTROLLER, QCC40 32-BIT, FLASH, 44 MHz, RISC MICROCONTROLLER, PQFP80 32-BIT, FLASH, 44 MHz, RISC MICROCONTROLLER, PBGA49 Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
|
ANALOG DEVICES INC
|
T89C51IC2-SLSIM T89C51IC T89C51IC2 T89C51IC2-RLTIL |
8-bit Microcontroller with Flash and I2C Interface 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQCC44 8-bit Microcontroller with Flash and I2C Interface 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQFP44 8-bit Microcontroller with Flash and I2C Interface 8位闪存微控制器的I2C接口 From old datasheet system
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
|