PART |
Description |
Maker |
TIP105 TIP100 TIP106 TIP101 TIP102 TIP107 ON2977 |
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 8 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-220AB From old datasheet system DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
CZT122 CZT127 |
SMD Bipolar Power Transistor PNP Darlington SMD Bipolar Power Transistor NPN Darlington SURFACE MOUNT COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTOR
|
Central Semiconductor Corp
|
D40C D40C1 D40C4 D40C5 |
30-50 VOLTS .5 AMP, 6.25 WATTS Trans Darlington NPN 30V 0.5A 3-Pin(3 Tab) TO-202
|
New Jersey Semi-Conductor P... New Jersey Semiconductors
|
2SD1275A 2SD1275 |
Silicon NPN triple diffusion planar type Darlington(For power amplification) Silicon PNP epitaxial planar type Darlington
|
PANASONIC[Panasonic Semiconductor]
|
FMMT734 FMMT734TA |
Discrete - Bipolar Transistors - Darlington Transistors “SUPER SOT SOT23 PNP SILICON POWER DARLINGTON TRANSISTOR
|
Diodes Incorporated
|
ZTX600A ZTX601 |
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS NPN Darlington Transistor
|
Zetex Semiconductors
|
PMD11K80 PMD11K PMD11K100 PMD11K60 PMD10K80 PMD10K |
Silicon Power Darlington Transistors SILICON POWER DARLING TRANSISTORSl 12 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-3
|
Central Semiconductor C... CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
MP4513 |
Power Transistor Module Silicon NPN Triple Diffused Type (Darlington power transistor 4 in 1) High Power Switching Applications. Hammer Drive, Pulse Motor Drive and Inductive Load Switching. TOSHIBA Power Transistor Module Silicon NPN Triple Diffused Type (Darlington power transistor 4 in 1)
|
TOSHIBA[Toshiba Semiconductor]
|
BCP48 BCP28 |
PNP Silicon Darlington Transistors 进步党硅达林顿晶体管 Darlington Transistors - PNP Silicon Darlington Transistor for general AF applications
|
INFINEON[Infineon Technologies AG]
|
SL1222101-A SL1222101-B |
TRANS,WALL,24VDC/400mA,F2, 2.1mm x 5.5mm,UL 50/cs 电路保护热敏电阻 TRANS,WALL,24VDC/500mA,F1 2.1mmX5.5mm,UL TRANS,WALL,18VDC/1A,F2,2.5X5.5 ,2 PRNG AC,LIN NON-REG
|
Ametherm, Inc.
|
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|