PART |
Description |
Maker |
AD5643RBRMZ-3 AD5643RBRMZ-3REEL7 AD5623RBRMZ-3 AD5 |
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
|
AD[Analog Devices]
|
AD5045 AD5045BRUZ AD5045BRUZ-REEL7 AD502508 AD5025 |
SERIAL INPUT LOADING, 10.7 us SETTLING TIME, 16-BIT DAC, PDSO14 Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
|
ANALOG DEVICES INC
|
AD5623RBRMZ-5REEL7 AD5663RBRMZ-5REEL7 AD5643RBRMZ- |
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference SERIAL INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, PDSO10 Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference SERIAL INPUT LOADING, 4 us SETTLING TIME, 16-BIT DAC, PDSO10 Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference SERIAL INPUT LOADING, 3.5 us SETTLING TIME, 14-BIT DAC, PDSO10
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD5624R AD5644R AD5664R |
Quad,12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC? with 5ppm/°C On-Chip Reference Quad, 14-Bit nanoDAC? with 5ppm/°C On-Chip Reference Quad, 16-Bit nanoDAC? with 5ppm/°C On-Chip Reference
|
Analog Devices
|
AD5620 AD5620BRJ-1REEL7 AD5620CRM-1REEL7 AD5620CRM |
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23 Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23 SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO8
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
AN8049SH |
Dual 14-Bit nanoDAC® with 5 ppm/°C On-Chip Reference; Package: MSOP; No of Pins: 10; Temperature Range: Automotive SPECIALTY ANALOG CIRCUIT, PDSO24
|
Panasonic, Corp.
|
AD5620 |
(AD56x0) 12-/14-/16-Bit nanoDAC
|
Analog Devices
|
AD5641 AD5641AKS AD5641BKS |
2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
|
AD[Analog Devices]
|
AD5601AD5611AD5621 |
2.7 V to 5.5 V, <100 μA, 12-Bit nanoDAC? D/A Converter, tiny SC70 Package 2.7 V to 5.5 V, <100 μA, 12-Bit nanoDAC D/A Converter, tiny SC70 Package
|
adi
|
AD5061BRJZ-1500RL7 AD5061BRJZ-2500RL7 AD5061BRJZ-2 |
3 V/5 V, 16-Bit Vout nanoDAC™ Converter, Output Buffered, in a Sot 23
|
Analog Devices
|
AD5060BRJZ-2500RL7 AD5060ARJZ-2500RL7 |
Full Accurate 3 V/5 V 16-Bit Vout nanoDAC™ Converter Output Buffered in a Sot 23
|
Analog Devices
|