PART |
Description |
Maker |
STL8NH3LL |
N-CHANNEL 30 V - 0.012 з - 8 A PowerFLATULTRA LOW GATE CHARGE STripFETMOSFET N沟道30 0.012з - 8甲的PowerFLAT⑩超低栅极电荷STripFET⑩MOSFET N-CHANNEL 30 V - 0.012 з - 8 A PowerFLAT⑩ ULTRA LOW GATE CHARGE STripFET⑩ MOSFET N-CHANNEL MOSFET N-CHANNEL 30 V - 0.012 ?- 8 A PowerFLAT ULTRA LOW GATE CHARGE STripFET MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
AP2622GY-HF-14 |
Low Gate Charge Low Gate Charge, Small Package Outline, Surface Mount Package
|
Advanced Power Electron...
|
STL30NF3LL |
N-CHANNEL 30V 0.006 OHM 30A POWERFLAT LOW GATE CHARGE STRIPFET II MOSFET N-CHANNEL 30V - 0.008ohm - 30A PowerFLAT⑩ LOW GATE CHARGE STripFET⑩ MOSFET N-CHANNEL 30V 0.0055 OHM 28A POWERFLAT LOW GATE CHARGE STRIPFET II MOSFET N-CHANNEL 30V - 0.008ohm - 30A PowerFLAT LOW GATE CHARGE STripFET MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STL28NF3LL |
N-CHANNEL 30V - 0.0055ohm - 28A PowerFLATLOW GATE CHARGE STripFETMOSFET N-CHANNEL 30V - 0.0055ohm - 28A PowerFLAT LOW GATE CHARGE STripFET MOSFET N-CHANNEL 30V - 0.0055ohm - 28A PowerFLAT⑩ LOW GATE CHARGE STripFET⑩ MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STW80NF10 7305 |
N-CHANNEL 100V - 0.012ohm - 80A TO-247 LOW GATE CHARGE STripFETPOWER MOSFET N沟道100V 0.012ohm - 80A 247低栅极电荷STripFET⑩功率MOSFET N-CHANNEL 100V - 0.012ohm - 80A TO-247 LOW GATE CHARGE STripFET POWER MOSFET N-CHANNEL 100V 0.012 OHM 80A TO-247 LOW GATE CHARGE STRIPFET POWER MOSFET From old datasheet system N-CHANNEL 100V - 0.012ohm - 80A TO-247 LOW GATE CHARGE STripFET⑩ POWER MOSFET N-CHANNEL 100V 0.012 OHM 80A TO-247 LOW GATE CHARGE STRIPFET POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STW9NK95Z |
Gate charge minimized N-channel 950 V, 1.15 Ohm typ., 7 A Zener-protected SuperMESH(TM) Power MOSFET in a TO-247 package
|
STMicroelectronics ST Microelectronics
|
STB40NF10L 7743 |
N-CHANNEL 100V - 0.028ohm - 40A D2PAK LOW GATE CHARGE STripFET POWER MOSFET N-CHANNEL 100V 0.028 OHM 40A D2PAK LOW GATE CHARGE STRIPFET POWER MOSFET From old datasheet system N-CHANNEL 100V - 0.028ohm - 40A D2PAK LOW GATE CHARGE STripFET⑩ POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STY25NA60 6064 |
N - CHANNEL 600V - 0.225W - 25 A - Max247 EXSTREMELY LOW GATE CHARGE POWER MOSFET N - CHANNEL 600V - 0.225ohm - 25 A - Max247 EXSTREMELY LOW GATE CHARGE POWER MOSFET From old datasheet system N - CHANNEL 600V - 0.225 - 25 A - Max247 EXSTREMELY LOW GATE CHARGE POWER MOSFET N-CHANNEL Power MOSFET
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STS11NF30L STS11NF30L07 |
N-channel 30V - 0.0085Ω - 11A SO-8 Low gate charge STripFET II Power MOSFET N-channel 30V - 0.0085ヘ - 11A SO-8 Low gate charge STripFET⑩ II Power MOSFET
|
STMicroelectronics
|
STL6NM60N |
N-channel 600 V - 0.85 Ω - 5.75 A - PowerFLAT (5x5) ultra low gate charge MDmesh II Power MOSFET N-channel 600 V - 0.85 ヘ - 5.75 A - PowerFLAT⑩ (5x5) ultra low gate charge MDmesh⑩ II Power MOSFET
|
STMicroelectronics
|