PART |
Description |
Maker |
PUMB2 PEMB2-PUMB2-15 |
PNP/PNP double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages. PNP/PNP resistor-equipped transistors R1 = 47 k? R2 = 47 k?
|
NXP Semiconductors
|
BD138 BD138-10 BD138-16 BD140 BD140-10 BD140-16 BD |
PNP power transistors PNP power transistors 1.5 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-126 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Green; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes PNP power transistor(PNP????朵?绠?
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PDTA124E PDTA124EEF PDTA124EM PDTA124ET PDTA124EEF |
PNP resistor-equipped transistors; R1 = 22 k惟, R2 = 22 k惟 PNP resistor-equipped transistors; R1 = 22 kΩ, R2 = 22 kΩ PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = 22 kOhm 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors NXP Semiconductors N.V.
|
PDTA123E PDTA123EE PDTA123EEF PDTA123EK PDTA123EU |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors; R1 = 2.2 k楼?, R2 = 2.2 k楼? PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
|
NXP Semiconductors
|
PMP5201G PMP5201V PMP5201Y PMP5201Y115 PMP5201Y135 |
PNP/PNP matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
PDTA144TEF PDTA144TM |
PNP resistor-equipped transistors; R1 = 47 kohm, R2 = open 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = open
|
NXP Semiconductors N.V.
|
2N4402 2N4403 ON0046 2N4403RLRE |
General Purpose Transistors PNP General Purpose Transistors(PNP Silicon) Motorola Preferred Device From old datasheet system
|
ONSEMI[ON Semiconductor]
|
PDTA143ZEF PDTA143ZU PDTA143ZK |
PNP resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 47 kOhm PNP配电阻型晶体管;R1=4.7千欧姆,R2=47千欧 PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = 47 kΩ PNP resistor-equipped transistors; R1 = 4.7 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
UMT3906 SST3906 MMST3906 2N3906 A5800337 MMST3906T |
晶体管|晶体管|进步党| 40V的五(巴西)总裁| 200mA的一c)|的SOT - 346 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 200MA I(C) | SOT-346 From old datasheet system PNP General Purpose Transistor Transistors > Small Signal Bipolar Transistors(up to 0.6W)
|
ROHM[Rohm]
|
2SA1882 0177 |
PNP Epitaxial Planar Silicon Transistors Low-Frequency General-Purpose Amplifier Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|