PART |
Description |
Maker |
DTA114EM3T5G DTA144WM3T5G DTA114TM3T5G DTA114YM3T5 |
Digital Transistors (BRT)(数字晶体管(BRT 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR Digital Transistors(BRT) Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
|
ONSEMI[ON Semiconductor]
|
PUMB1 PEMB1 |
PNP-PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = 22 kOhm PNP-PNP配电阻型晶体管,R1=22千欧姆,R2=22千欧 PNP/PNP resistor-equipped transistors; R1 = 22 kΩ, R2 = 22 kΩ PNP/PNP resistor-equipped transistors; R1 = 22 k楼?, R2 = 22 k楼?
|
NXP Semiconductors N.V.
|
DTA143EM3T5G |
Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
BC212 BC214 BC213 BC212B ON0141 BC214RL1 |
Amplifier Transistor PNP From old datasheet system CASE 29-4, STYLE 17 TO-2 (TO-26AA) Amlifier Transistors (PNP) 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Amplifier Transistors(PNP Silicon) 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
MOTOROLA[Motorola, Inc] Motorola, Inc. Motorola Mobility Holdings, Inc. ON Semiconductor
|
MJW0281A MJW0281A05 MJW0302A MJW0281ADATASHEET MJW |
Complementary NPN?PNP Power Bipolar Transistors ; Package: SOIC NARROW; No of Pins: 14; Qty per Container: 55/Rail 15 A, 260 V, PNP, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Power Bipolar Transistors Complementary Power Transistors
|
ON Semiconductor http://
|
PDTA124E PDTA124EEF PDTA124EM PDTA124ET PDTA124EEF |
PNP resistor-equipped transistors; R1 = 22 k惟, R2 = 22 k惟 PNP resistor-equipped transistors; R1 = 22 kΩ, R2 = 22 kΩ PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = 22 kOhm 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors NXP Semiconductors N.V.
|
PDTA123JEF PDTA123JE115 PDTA123JM PDTA123JK PDTA12 |
PNP resistor-equipped transistors; R1 = 2.2 k惟, R2 = 47 k惟 PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 47 kΩ 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 47 kOhm
|
NXP Semiconductors N.V.
|
ZXTP23015CFHTA ZETEXSEMICONDUCTOR-ZXTP23015CFH07 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 15V, SOT23, PNP medium power transistor 5000 mA, 15 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated
|
PDTA144TEF PDTA144TM |
PNP resistor-equipped transistors; R1 = 47 kohm, R2 = open 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = open
|
NXP Semiconductors N.V.
|
PDTA143TU PDTA143T PDTA143TE PDTA143TEF PDTA143TK |
PNP resistor-equipped transistors; R1 = 4.7 kOhm, R2 = open; Package: SOT23 (TO-236AB); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors: R1 = 4.7 KOHM, R2 = open
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PDTA143ZEF PDTA143ZU PDTA143ZK |
PNP resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 47 kOhm PNP配电阻型晶体管;R1=4.7千欧姆,R2=47千欧 PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = 47 kΩ PNP resistor-equipped transistors; R1 = 4.7 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
|