PART |
Description |
Maker |
FZT1151A FZT1151ATA FZT1151A-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V PNP Low Sat Transistor TRANS PNP -40V -3000MA SOT-223 3 A, 40 V, PNP, Si, POWER TRANSISTOR PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 3 A, 40 V, PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
2N1122 2N1405 2N1407 2N1101 2N1140 2N1535 2N1472 2 |
TRANSISTOR | BJT | PNP | 11V V(BR)CEO | 50MA I(C) | TO-24 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-12 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-22 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 100MA I(C) | TO-9 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 3.5A I(C) | IST-3RT-1/2 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 50A I(C) | TO-36 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 7.5A I(C) | TO-82 TRANSISTOR | BJT | NPN | 250V V(BR)CEO | 7.5A I(C) | TO-82 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 12A I(C) | TO-3 TRANSISTOR | BJT | PNP | 110V V(BR)CEO | TO-5 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 25MA I(C) | TO-22VAR TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 25A I(C) | TO-36 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 90V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 7A I(C) | TO-3 晶体管|晶体管|进步党| 50V五(巴西)总裁| 7A条一(c)| 5-Pin, Multiple-Input, Programmable Reset ICs 晶体管|晶体管|进步党| 12V的五(巴西)总裁| 100mA的一(c)| 5-Pin, Multiple-Input, Programmable Reset ICs 晶体管|晶体管|进步党| 65V的五(巴西)总裁|5A一(c)|6 TRANSISTOR | BJT | PNP | 15A I(C) | TO-36 TRANSISTOR | BJT | PNP | 38V V(BR)CEO | 15A I(C) | TO-41
|
NXP Semiconductors N.V. Microsemi, Corp.
|
2N1025 2N2176 2N1475 2N1027 2N1474 2N329B 2N1654 2 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 50MA I(C) | TO-5 5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 50MA I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 100MA I(C) | TO-5 Silicon Transistors
|
Semitronics
|
ZXT13P12DE6 ZXT13P12DE6TA ZXT13P12DE6TC |
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR 4000 mA, 12 V, PNP, Si, SMALL SIGNAL TRANSISTOR 4000 mA, 12 V, PNP, Si, SMALL SIGNAL TRANSISTOR SOT-23, 6 PIN PNP Low Sat Transistor
|
Zetex Semiconductor PLC Diodes, Inc. Diodes Incorporated ZETEX[Zetex Semiconductors]
|
BC212 BC214 BC213 BC212B ON0141 BC214RL1 |
Amplifier Transistor PNP From old datasheet system CASE 29-4, STYLE 17 TO-2 (TO-26AA) Amlifier Transistors (PNP) 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Amplifier Transistors(PNP Silicon) 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
MOTOROLA[Motorola, Inc] Motorola, Inc. Motorola Mobility Holdings, Inc. ON Semiconductor
|
FN1A4Z FN1A4Z-L FN1A4Z-T2B FN1A4ZM69 |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR MINIMOLD, SC-59, 3 PIN MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR MINI MOLD Compound transistor
|
Honeywell International, Inc. NEC
|
2SA965 2SA965O 2SA965Y |
TRANSISTOR SILICON PNP TRIPLE DIFFUSED TYPE. DRIVER STAGE AND POWER AMPLIFIER APPLICATIONS TOSHIBA TRANSISTOR SILICON PNP EPITAXIAL TYPE (PCT PROCESS) TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 800MA I(C) | TO-92VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
TOSHIBA[Toshiba Semiconductor]
|
PBSS5250T PBSS5250T215 |
50 V; 2 A PNP low VCEsat (BISS) transistor; Package: SOT23 (TO-236AB); Container: Tape reel smd 2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB 50 V, 2 A PNP low VCEsat (BISS) transistor 50 V 2 A PNP low VCEsat (BISS) transistor
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PMBT3906YS PMBT3906YS115 |
40 V, 200 mA PNP/PNP general-purpose double transistor 40 V, 200 mA PNP-PNP general-purpose double transistor 40 V, 200 mA PNP/PNP general-purpose double transistor; Package: SOT363 (SC-88); Container: Tape reel smd
|
NXP Semiconductors N.V.
|
ZXTP23015CFHTA ZETEXSEMICONDUCTOR-ZXTP23015CFH07 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 15V, SOT23, PNP medium power transistor 5000 mA, 15 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated
|