PART |
Description |
Maker |
FDP20AN06A0 FDB20AN06A0 FDB20AN06A0NL FDP20AN06A0N |
60V N-Channel PowerTrench MOSFET 60V, 45A 20mohm 45 A, 60 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel PowerTrench MOSFET 60V, 45A, 20m N-Channel PowerTrench MOSFET 60V, 45A, 20 milliohm N-Channel PowerTrench?? MOSFET 60V, 45A, 20m??? From old datasheet system N-Channel PowerTrench㈢ MOSFET 60V, 45A, 20mз N-Channel PowerTrench? MOSFET 60V, 45A, 20m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
FDD5353 |
60V N-Channel Power Trench MOSFET; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 11.5 A, 60 V, 0.0123 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 N-Channel Power Trench㈢ MOSFET 60V, 50A, 12.3mヘ N-Channel Power Trench? MOSFET 60V, 50A, 12.3mΩ
|
Fairchild Semiconductor, Corp.
|
STD12NE06L STD12NE06L-1 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 12A I(D) | TO-251AA 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 12A条(丁)|51AA N - CHANNEL 60V - 0.09ohm- 12A TO-251/TO-252 STripFET POWER MOSFET N-CHANNEL POWER MOSFET
|
California Eastern Laboratories, Inc. STMicroelectronics ST Microelectronics
|
HUF76439P3 HUF76439S3S HUF76439S3ST |
71A, 60V, 0.014 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 75 A, 60 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB Dual Differential Drivers and Receivers With /-15-kV IEC ESD Protection 16-TSSOP -40 to 85 75 A, 60 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 71A, 60V, 0.014Ohm, N-Channel, Logic Lvl UltraFET Power MOSFET 71A, 60V, 0.014 Ohm, N-Channel, Logic Level UltraFETPower MOSFET
|
Fairchild Semiconductor, Corp. Intersil, Corp.
|
IRFIZ48G IRFIZ48 IRFIZ48GPBF |
Power MOSFET(Vdss=60V/ Rds(on)=12mohm/ Id=39A) Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=37A) 功率MOSFET(减振钢板基本\u003d 60V的,的Rdson)\u003d 0.018ohm,身份证\u003d 37A条) Power MOSFET(Vdss=60V Rds(on)=0.018ohm Id=37A) 60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
STB16NF06L STB16NF06L06 |
N-channel 60V - 0.07Ω - 16A - D2PAK STripFET Power MOSFET N-channel 60V - 0.07楼? - 16A - D2PAK STripFET垄芒 Power MOSFET N-channel 60V - 0.07ヘ - 16A - D2PAK STripFET⑩ Power MOSFET
|
STMicroelectronics
|
IRCZ44 |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Hexfet? Power MOSFET Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50A)
|
IRF[International Rectifier]
|
FQD30N06 FQU30N06 FQD20N06 FQU20N06 FQD30N06TF |
60V N-Channel QFET 60V N-Channel MOSFET 22.7 A, 60 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
STD35NF06 |
N-CHANNEL 60V 0.018 OHM 55A - DPAK - STRIPFET II POWER MOSFET N-CHANNEL 60V - 0.018ohm - 35A DPAK STripFETII MOSFET N-CHANNEL 60V - 0.018ohm - 35A DPAK STripFET⑩II MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STB45NF06 |
N-CHANNEL 60V - 0.022ohm - 38A D2PAK STripFETPOWER MOSFET N沟道60V 0.022ohm - 38A条采用D2PAK STripFET⑩功率MOSFET N-CHANNEL 60V - 0.022ohm - 38A D2PAK STripFET⑩ POWER MOSFET N-CHANNEL 60V - 0.022ohm - 38A D2PAK STripFET POWER MOSFET N-CHANNEL 60V 0.022OHM 38A D2PAK STRIPFET POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IRF9Z14 |
-60V Single P-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A) Power MOSFET(Vdss=-60V/ Rds(on)=0.50ohm/ Id=-6.7A)
|
IRF[International Rectifier]
|
|