PART |
Description |
Maker |
FDD26AN06A0 |
60V N-Channel PowerTrench MOSFET 60V, 36A, 26mO
|
FAIRCHILD[Fairchild Semiconductor]
|
IRLR3714PBF IRLU3714PBF IRLR3714TRRPBF IRLR3714TRP |
High Frequency Isolated DC-DC HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20mヘ , ID = 36A ) HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20m楼? , ID = 36A ) HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20mΩ , ID = 36A ) 30 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA 30 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
International Rectifier
|
IRL3714L IRL3714S IRL3714 IRL3714STRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 36A条(丁)|63AB HEXFET? Power MOSFET Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A) 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
IRFI064 IRFI064-15 |
Simple Drive Requirements TRANSISTOR N-CHANNEL(Vdss=60V/ Rds(on)=0.017ohm/ Id=45A*) TRANSISTOR N-CHANNEL(Vdss=60V, Rds(on)=0.017ohm, Id=45A*) 60V Single N-Channel Hi-Rel MOSFET in a TO-259AA package
|
International Rectifier
|
STB36NF03LT4 |
N-CHANNEL 30V - 0.015 OHM - 36A D2PAK LOW GATE CHARGE STRIPFET POWER MOSFET
|
ST Microelectronics
|
HUFA76432S3S HUFA76432P3 HUFA76432S3ST |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 55A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 55A条(丁)|63AB 55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
|
Intersil, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQB50N06L FQI50N06L FQB50N06 FQI50N06 FQI50N06LTU |
60V LOGIC N-Channel MOSFET 52.4 A, 60 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA 60V N-Channel Logic level QFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IRFZ44VZ IRFZ44VZL IRFZ44VZS IRFZ44VZPBF |
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A) 功率MOSFET(减振钢板基本\u003d 60V的,的Rds(on)\u003d 12mohm,身份证\u003d 57A条) 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package 60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
STD12NE06L STD12NE06L-1 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 12A I(D) | TO-251AA 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 12A条(丁)|51AA N - CHANNEL 60V - 0.09ohm- 12A TO-251/TO-252 STripFET POWER MOSFET N-CHANNEL POWER MOSFET
|
California Eastern Laboratories, Inc. STMicroelectronics ST Microelectronics
|
FDB070AN06F085 |
N-Channel PowerTrenchMOSFET 60V, 80A, 7m N-Channel PowerTrench? MOSFET 60V, 80A, 7mΩ
|
Fairchild Semiconductor
|
FQI85N06 FQB85N06 FQB85N06TMAM002 |
60V N-Channel QFET 60V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQD17P06 FQU17P06 FQD17P06TF FQD17P06TM FQU17P06TU |
60V P-Channel MOSFET 60V P-Channel QFET
|
FAIRCHILD[Fairchild Semiconductor]
|