PART |
Description |
Maker |
MCP3001 MCP3001T-I/SN MCP3001T-I/ST MCP3001-I/P MC |
The MCP3001 10-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making it ideal for embedded control applications. The MCP3001 features a successive approximation register (SAR) The MCP3001 10-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making ... 2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
|
Microchip Technology
|
CS5521/22/23/24/28 |
2- or 4-Channel 16-Bit and 24-Bit Buffered Delta Sigma Multi-Range ADC
|
Cirrus Logic
|
WM859407 WM8594SEFT_RV WM8594SEFT_V WM8594 |
24-bit 192kHz 2Vrms Multi-Channel CODEC
|
WOLFSON[Wolfson Microelectronics plc]
|
WM8594SEFT/RV WM8594SEFT/V |
24-bit 192kHz 2Vrms Multi-Channel CODEC
|
Wolfson Microelectronics plc
|
SM6106 SM6105 |
Multi-channel CMOS 8-bit A/D Converters 多通道的CMOS 8位A / D转换
|
Nippon Precision Circui... Seiko NPC, Corp. Nippon Precision Circuits Inc Nippon Precision Circuits I...
|
GP712 |
IEEE 802.15.4 Multi-Stack Multi-Channel Communications Controller
|
TriQuint Semiconductor
|
ADC-44D |
MULTI-FUNCTION 12 BIT COMBINAT 多功2位COMBINAT Multi-Function Analogue Input/Output Card
|
List of Unclassifed Manufacturers ETC
|
MAX114-MAX118 MAX118 MAX118CAI MAX118CPI MAX118EAI |
5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1レA Power-Down 5V 1Msps 4 & 8-Channel 8-Bit ADCs with 1A Power-Down 5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1A Power-Down 5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1μA Power-Down 6 OUTLETS 15 FT RACK MTG 5V / 1Msps / 4 & 8-Channel / 8-Bit ADCs with 1A Power-Down Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-23 0 to 70 5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1レA Power-Down 8-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP28
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. ADC Vicor, Corp.
|
MAP42-1024 MAP30_06 MAP30-1005 MAP40-3000 MAP40-30 |
power supplies combines low cost and universal input
|
POWER-ONE[Power-One]
|
TC1300 TC1300VUA TC1300R-3.3VUA TC1300R-3.3VUATR T |
The TC1300 combines a Low Dropout Regulator and a Microprocessor Reset Monitor in a space-saving 8-Pin MSOP package. Total supply current is 80A (typical), 20 to 60 times lower than in bipolar regulators. The TC1300 has an extremely preci The TC1300 combines a Low Dropout Regulator and a Microprocessor Reset Monitor in a space-saving 8-Pin MSOP package. Total supply ... 300 mA CMOS LDO with Shutdown, Bypass and Independent Delayed Reset Function
|
MICROCHIP[Microchip Technology]
|
CS534108 CS5341-DZZ CS5341-DZZR |
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER 2-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO16 105 dB, 192 kHz, Multi-Bit Audio A/D Converter
|
Cirrus Logic, Inc.
|
AK4628 AK4628VQ |
2-channel 96KHz ADC 8-channel 192KHz DAC HIGH PERFORMANCE MULTI CHANNEL AUDIO CODEC
|
AKM[Asahi Kasei Microsystems]
|