PART |
Description |
Maker |
RJP60V0DPM-80T2 |
600V - 22A - IGBT Application: Inverter
|
Renesas Electronics Corporation
|
RJH60D1DPP-E0-15 |
600V - 10A - IGBT Application: Inverter
|
Renesas Electronics Corporation
|
RJH60A83RDPE-15 |
600V - 10A - IGBT Application: Inverter
|
Renesas Electronics Corporation
|
RJH60D1DPP-M0-15 |
600V - 10A - IGBT Application: Inverter
|
Renesas Electronics Corporation
|
22RIA40M 22RIA40MS90 22RIA140S9 22RIA40S90 22RIA40 |
800V 22A Phase Control SCR in a TO-208AA (TO-48) package 1600V 35A Phase Control SCR in a TO-208AA (TO-48) package 1400V 35A Phase Control SCR in a TO-208AA (TO-48) package 1200V 22A Phase Control SCR in a TO-208AA (TO-48) package 1000V 22A Phase Control SCR in a TO-208AA (TO-48) package 100V 22A Phase Control SCR in a TO-208AA (TO-48) package 600V 22A Phase Control SCR in a TO-208AA (TO-48) package MEDIUMPOWERTHYRISTORS 400V 22A Phase Control SCR in a TO-208AA (TO-48) package Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3106; No. of Contacts:4; Connector Shell Size:14S; Connecting Termination:Solder; Circular Shell Style:Straight Plug RoHS Compliant: Yes MEDIUM POWER THYRISTORS 中功率晶闸管
|
IRF[International Rectifier] International Rectifier, Corp.
|
FCPF22N60NT |
N-Channel SupreMOSMOSFET 600V, 22A, 165m
|
Fairchild Semiconductor
|
AM29845AJC AM29845A/BLA AM29845ADMB AM29845APC AM2 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package; A IRG4BC30K with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50K with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC40U with Standard Packaging 600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package; Similar to IRG4PC40K with Lead Free Packaging 1200V UltraFast 8-25 kHz Single IGBT in a TO-274AA package; A IRGPS40B120U with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50U with Standard Packaging 1200V UltraFast 8-40 kHz Discrete IGBT in a TO-274AA package; A IRG4PSH71U with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a D2-Pak package; A IRG4BH20K-S with Standard Packaging 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50F with Standard Packaging 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50U with Standard Packaging 10-Bit D-Type Latch 600V Warp 60-150 kHz Discrete IGBT in a TO-262 package; A IRG4BC40WL with Standard Packaging 8位D型锁存器 8-Bit D-Type Latch 8位D型锁存器
|
Bourns, Inc.
|
IRG4PC50F IRG4PC50F-E |
70 A, 600 V, N-CHANNEL IGBT, TO-247AC 70 A, 600 V, N-CHANNEL IGBT, TO-247AD INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.45V, @Vge=15V, Ic=39A) 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package
|
IRF[International Rectifier]
|
STGB3NB60SD STGB3NB60SDT4 |
N-CHANNEL 3A - 600V D2PAK Power MESHIGBT N沟道3A 600V的D2PAK封装IGBT的电力网格⑩ Transient Surge Protection Thyristor; Package/Case:6-SOIC; Current, It av:2.2A; Reel Quantity:1500; Capacitance:100pF; Forward Current:5A; Forward Voltage:12V; Holding Current:100uA; Mounting Type:Surface Mount N沟道3A 600V的IGBT的采用D2PAK POWERMESH N-CHANNEL 3A - 600V D2PAK Power MESH IGBT N-CHANNEL 3A - 600V D2PAK POWERMESH IGBT N-CHANNEL 3A - 600V D2PAK Power MESH⑩ IGBT
|
ST Microelectronics STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
IRG4BC10SD-L IRG4BC10SD-S |
600V DC-1 kHz (Standard) Copack IGBT in a D2-Pak package 600V DC-1 kHz (Standard) Copack IGBT in a TO-262 package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.10V, @Vge=15V, Ic=2.0A)
|
IRF[International Rectifier]
|
HGTG30N60B3D HGT4E30N60B3DS |
60A/ 600V/ UFS Series N-Channel IGBT 60A 600V UFS Series N-Channel IGBT 60A, 600V, UFS Series N-Channel IGBT 2.5V 36-mc CPLD - NOT RECOMMENDED for NEW DESIGN CONNECTOR ACCESSORY 60 A, 600 V, N-CHANNEL IGBT, TO-268AA
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|