PART |
Description |
Maker |
NPIC6C595BQ-Q100 NPIC6C595D-Q100 NPIC6C595PW-Q100 |
Power logic 8-bit shift register; open-drain outputs
|
NXP Semiconductors
|
NPIC6C596ABQ-Q100 NPIC6C596AD-Q100 NPIC6C596APW-Q1 |
Power logic 8-bit shift register; open-drain outputs
|
NXP Semiconductors
|
REC30-4815SRWB REC30-1205DRWB REC30-1205SRWB REC30 |
High Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register 16-PDIP -55 to 125 30英寸× 2英寸 High Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register 16-SOIC -55 to 125 30英寸× 2英寸 High Speed CMOS Logic Presettable Synchronous 4-Bit Binary Up/Down Counter with Asynchronous Reset 16-SOIC -55 to 125 30英寸× 2英寸 30 Watt 2 inch x 2 inch Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
BL-R313G BL-R513G BL-BX113G BL-BX113C BL-BX139 BL- |
BIGGER SIZE LED LAMPS (ROUND TYPES) 较大尺寸的LED节能灯(圆形类型 MBL /-5V/200MV RED 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-SOIC -55 to 125 High Speed CMOS Logic Phase-Locked Loop with VCO and Lock Detector 16-PDIP -55 to 125 High Speed CMOS Logic 8-Bit Shift Register with Input Storage 16-SOIC -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-SOIC -55 to 125 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-PDIP -55 to 125
|
?╁??′唤?????? Yellow Stone, Corp. 早安股份有限公司
|
74VHC16 74VHC164MTCXNL 74VHC164MXNL 74VHC164MT 74V |
Quadruple 2-Input Positive-NOR Gates 14-TSSOP -40 to 85 AHC/VHC/H/U/V SERIES, 8-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO14 8-Bit Serial-In, Parallel-Out Shift Register 8-Bit Serial-In Parallel-Out Shift Register
|
Fairchild Semiconductor, Corp. http:// FAIRCHILD[Fairchild Semiconductor]
|
AS7C31025B AS7C31025B-20TJIN AS7C31025B-10JC AS7C3 |
SRAM - 3.3V Fast Asynchronous 128 x 64 pixel format, LED or EL Backlight available 8-Bit Parallel-Load Shift Registers 16-TVSOP -40 to 85 8-Bit Parallel-Load Shift Registers 16-SSOP -40 to 85 8-Bit Parallel-Load Shift Registers 16-SOIC -40 to 85 3.3V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 3.3V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 10 ns, PDSO32
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
BC847F |
High Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register 16-PDIP -55 to 125 NPN Silicon Transistor (General purpose application Switching application)
|
AUK[AUK corp] http://
|
74LVC594APW 74LVC594A 74LVC594ABQ 74LVC594AD 74LVC |
8-bit shift register with output register; Package: SOT109-1 (SO16); Container: Reel Pack, SMD, 13" LVC/LCX/Z SERIES, 8-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO16
|
NXP Semiconductors N.V. NXP[NXP Semiconductors]
|
BC847C BC847A BC846A BC846B BC847B BC848B BC848C B |
NPN SMALL SIGNAL TRANSISTOR 310MW High Speed CMOS Logic Quad D-Type Flip-Flop with Reset 16-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register 14-PDIP -55 to 125 High Speed CMOS Logic Dual 4-Input Multiplexers 16-SOIC -55 to 125 High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
http:// MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
MC100E142FN MC100E142FNG MC100E142FNR2 MC100E142FN |
5V ECL 9-Bit Shift Register; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 10E SERIES, 9-BIT RIGHT PARALLEL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PQCC28
|
ONSEMI[ON Semiconductor]
|