PART |
Description |
Maker |
S3P72K8 S3C72K8 |
singl-chip CMOS microcontroller
|
SAMSUNG[Samsung semiconductor]
|
CH1786 CH1786NE CH1786LCNE CH1786NH |
Ultra small 2400bps modem CH1786 Family of Ultra Small 2400bps Modems CH1786 Family of Ultra Small 2400bps Modems
|
Cermetek microelectronics Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
BL8581A |
PWM or Singl-Wire Dimming, 4-Channels WLED Linear Driver
|
SHANGHAI BELLING CO., LTD.
|
CMNT3904E CMNT3904E10 CMNT3906E CMNT3904E-15 |
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTOR 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1 X 0.80 MM, 0.50 MM HEIGHT, ULTRA SMALL, FEMTOMINI-5
|
Central Semiconductor Corp Central Semiconductor, Corp. Central Semiconductor C...
|
2N7002DW-7 |
115 mA, 60 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET ULTRA SMALL, PLASTIC PACKAGE-6
|
Diodes, Inc.
|
MAX4245 MAX4245AUT-T MAX4245AXT-T MAX4246 MAX4246A |
Ultra-Small, Rail-to-Rail I/O with Disable, Single/Dual-Supply, Low-Power Op Amps OP-AMP, 3000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO6 Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps DUAL OP-AMP, 3000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO8 "Ultra-Small SOT23 Package, Rail-to-Rail I/O with Disable, Dual Low-Power Op Amps" "Ultra-Small SC70 Package, Rail-to-Rail I/O with Disable, Single Low-Power Op Amp" Ultra-Small / Rail-to-Rail I/O with Disable / Single-/Dual-Supply / Low-Power Op Amps
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ADP3300ART-3-REEL ADP3300ART-3-REEL7 ADP3300ART-5- |
0.3-16V; high accuracy anyCAP 50mA low dropout linear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulators, bar code scanners, camcoders, cameras High Accuracy anyCAP 50 mA Low Dropout Linear Regulator High Accuracy anyCAP? 50 mA Low Dropout Linear Regulator High Accuracy anyCAP® 50 mA Low Dropout Linear Regulator High Accuracy anyCAP50 mA Low Dropout Linear Regulator THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.7 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN 3.3 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN 3.2 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 LEAD FREE, ULTRA SMALL, SOT-23, 6 PIN 3.2 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN
|
Analog Devices, Inc. ANALOG DEVICES INC
|
PS7801M-1A-F3-A PS7801M-1A-A PS7801M-1A-F3 PS7801M |
4-PIN ULTRA SMALL FLAT-LEAD, LOW C 隆驴 R (3.4 pF • 楼?) 1-ch Optical Coupled MOS FET 4-PIN ULTRA SMALL FLAT-LEAD, LOW C × R (3.4 pF • Ω) 1-ch Optical Coupled MOS FET TRANSISTOR OUTPUT SOLID STATE RELAY, 500 V ISOLATION-MAX
|
NEC
|
MAX9021 MAX9021AUK-T MAX9021AXK-T MAX9022AKA-T MAX |
Micropower Ultra-Small Single/Dual/Quad Single-Supply Comparators "Micropower, Ultra-Small, Quad, Single- Supply Comparator" Micropower, Ultra-Small, Single/Dual/Quad, Single-Supply Comparators Micropower / Ultra-Small / Single/Dual/Quad / Single-Supply Comparators
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
PS7802-1A-F4 PS7802-1A PS7802 PS7802-1A-F3 PS78021 |
邻舍4针超小型平引脚,低输出电1通道光学耦合MOSFET A6595 SOIC LED Driver IC; Driver Type:LED; Package/Case:16-QFN; Leaded Process Compatible:Yes; No. of Drivers:1; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Output Current Max:150mA; Output Current Min:10mA; Output Voltage Max:3V RoHS Compliant: Yes 1.3 OHM SERIAL INPUT DMOS DRIVER NECs 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET NECs 4-PIN ULTRA SMALL FLAT-LEAD / LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET NECs 4-PIN ULTRA SMALL FLAT-LEAD LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
|
NEC Corp. NEC[NEC]
|
MAX4389 MAX4389EUT-T MAX4389EXT-T MAX4390 MAX4390E |
Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable 1 CHANNEL, VIDEO AMPLIFIER, PDSO6 Ultra-Small / Low-Cost / 85MHz Op Amps with Rail-to-Rail Outputs and Disable
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
SES5VN1006-2B |
Ultra Small ESD Protector
|
GOOD-ARK Electronics
|
|