PART |
Description |
Maker |
614-97-391-18-101-144 517-91-391-18-101-111 517-91 |
Pin grid array sockets and carrier with interstitial contact rows Solder tail 插针网格阵列插座并与承运人间质接触焊尾行 RECTIFIER SCHOTTKY SINGLE 7.5A 50V 150A-ifsm 0.65V-vf 0.5mA-ir TO220AC 50/TUBE 插针网格阵列插座并与承运人间质接触焊尾行 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 40V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 45V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY SINGLE 7.5A 60V 150A-ifsm 0.65V-vf 0.5mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 7.5A 45V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 30V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 35V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
25CTQ045S 25CTQ045-1 25CTQ 25CTQ035-1 25CTQ035S 25 |
45V 30A Schottky Common Cathode Diode in a D2-Pak package SCHOTTKYRECTIFIER SCHOTTKY RECTIFIER 35V 30A Schottky Common Cathode Diode in a TO-220AB package 35V 30A Schottky Common Cathode Diode in a D2-Pak package 35V 30A Schottky Common Cathode Diode in a TO-262 package 40V 30A Schottky Common Cathode Diode in a TO-262 package 45V 30A Schottky Common Cathode Diode in a TO-262 package 40V 30A Schottky Common Cathode Diode in a TO-220AB package 45V 30A Schottky Common Cathode Diode in a TO-220AB package 40V 30A Schottky Common Cathode Diode in a D2-Pak package
|
InternationalRectifier IRF[International Rectifier]
|
20CTQ150-1 20CTQ150S 20CTQ150 |
150V 20A Schottky Common Cathode Diode in a D2-Pak package 150V 20A Schottky Common Cathode Diode in a TO-220AB package 150V 20A Schottky Common Cathode Diode in a TO-262 package SCHOTTKY RECTIFIER 20 Amp
|
International Rectifier
|
15CTQ045-1 15CTQ045S 15CTQ040S 15CTQS 15CTQ 15CTQ0 |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 肖特基整流器 35V 15A Schottky Common Cathode Diode in a TO-262 package 45V 15A Schottky Common Cathode Diode in a TO-262 package 35V 15A Schottky Common Cathode Diode in a TO-220AB package 40V 15A Schottky Common Cathode Diode in a TO-220AB package 40V 15A Schottky Common Cathode Diode in a TO-262 package 40V 15A Schottky Common Cathode Diode in a D2-Pak package 45V 15A Schottky Common Cathode Diode in a D2-Pak package 35V 15A Schottky Common Cathode Diode in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
SR2020 SR2030 SR2050 |
Dual Common Cathode Schottky Rectifier
|
Taiwan Semiconductor Co...
|
SDB10100DI |
DUAL COMMON CATHODE SCHOTTKY RECTIFIER
|
KODENSHI KOREA CORP.
|
KSD-D6O009-003 |
DUAL COMMON CATHODE SCHOTTKY RECTIFIER
|
KODENSHI KOREA CORP.
|
SRF1640 SRF1660 SRF1650 SRF1690 SRF16100 |
Dual Common Cathode Schottky Rectifier
|
Taiwan Semiconductor Co...
|
SBL2030CT-15 SBL2030CT-E3 SBLB2030CT-E3 SBLB2030CT |
Dual Common Cathode Schottky Rectifier
|
Vishay Siliconix
|
KSD-D6O008-004 |
DUAL COMMON CATHODE SCHOTTKY RECTIFIER
|
KODENSHI KOREA CORP.
|