PART |
Description |
Maker |
KBPC50AW KBPC50W KBPC25W |
Surge overload -240~500 Amperes peak
|
Shenzhen Luguang Electronic Technology Co., Ltd Shenzhen Luguang Electr...
|
ZAB |
6 AMPERE AXIAL LEAD RECTIFIERS HIGH SURGE
|
EDI
|
TISP61089ADR-S TISP61089SDR-S TISP61089ASDR-S |
SURGE PROT THYRIST 100V NEG SLIC TELECOM, SURGE PROTECTION CIRCUIT, PDSO8 TISP Thyristor Overvoltage Protectors Dual P Gate Forward Conducting TELECOM, SURGE PROTECTION CIRCUIT, PDSO8 PROTECTOR - OVER VOLTAGE TELECOM, SURGE PROTECTION CIRCUIT, PDSO8
|
Bourns, Inc.
|
TVR10431-V TVR10511-V TVR10561-V |
Disc Type Varistor for Surge Protection (Medium Surge Series)
|
Thinking Electronic Ind...
|
KT15N14 |
Surge Protectors / Thyristor Surge Suppressors (Three Terminal Type)
|
Shindengen
|
KT15R25 |
Surge Protectors / Thyristor Surge Suppressors (Three Terminal Type)
|
Shindengen
|
NSAD500S |
Prevention of ESD and surge for high-speed interface(USB 2.0, IEEE1394,or 100B) SURGE ABSORBER DEVICES
|
NEC[NEC]
|
MMT05B260T3 MMT05B310T3 MMT05B23 MMT05B230T3 MMT05 |
Thyristor Surge Protectors 365 V, SILICON SURGE PROTECTOR, DO-214AA Thyristor Surge Protectors(晶阐管浪涌电压保护器) 265 V, SILICON SURGE PROTECTOR, DO-214AA
|
ONSEMI[ON Semiconductor]
|
CR4202AA CR4202AB CR6002AA CR0300 CR0602AB CR0602A |
Thyristors (SiBOD Breakover Devices) 88 V, 100 A, SILICON SURGE PROTECTOR, DO-214AA DO-214, 2 PIN 40 V, 50 A, SILICON SURGE PROTECTOR, DO-214AA DO-214, 2 PIN 180 V, 500 A, SILICON SURGE PROTECTOR MODIFIED TO-220, 3 PIN 88 V, 500 A, SILICON SURGE PROTECTOR, DO-214AA DO-214, 2 PIN 160 V, 50 A, SILICON SURGE PROTECTOR, DO-214AA DO-214, 2 PIN
|
List of Unclassifed Man... List of Unclassifed Manufacturers ETC[ETC] N.A. Crydom, Inc.
|
3T064A 3T064B 3T072B 3T150A 3T310B 3T350A 3T310A 3 |
300V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 220V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 190V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 160V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 140V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 120V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 65V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 275V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 58V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 75V 1A surface mount and axial lead two terminal thyristor (3T) surge suppressor
|
MDE Semiconductor, Inc.
|