PART |
Description |
Maker |
Q62705-K274 KPY33-RK |
Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
RHFL4913S50-04V 5962F0253401VXA 5962F0253401VXC 59 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
APT30GT60BRG APT30GT60BR08 |
Low Forward Voltage Drop The Thunderbolt IGBT is a new generation of high voltage power IGBTs.
|
Microsemi Corporation Advanced Power Technology
|
LTE-5228A |
SPECIAL FOR HIGH CURENT AND LOW FORWARD VOLTAGE
|
LITEON[Lite-On Technology Corporation]
|
SL04 SL02 SL03 |
Small Signal, Single Schottky Diodes
very low forward voltage drop;
high forward current capability; Small Surface Mount Schottky Diodes
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
C67040-A4424-A2 |
IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated IGBT的(低正向压降高开关速度低尾电流闭锁无额定雪
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BUP303 Q67078-A4202-A2 |
IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated) From old datasheet system
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
Q62705-K151 KPY33-R |
Advanced PFC/PWM Combination Controllers 20-PDIP -40 to 105 相对硅压阻压力传感器 Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor Silicon Piezoresistive Relative Press...
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
BUP307 Q67078-A4201-A2 |
From old datasheet system IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated) IGBT的(低正向压降高开关速度低尾电流的无闩锁雪崩额定
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
DF15005S |
Glass passivated chip junctions, Low Forward Voltage Drop, High Current Capability
|
TY Semiconductor Co., Ltd
|
GL35-00 GL35-01 GL35-02 GL35-04 GL35-06 GL35-08 GL |
Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 120uF; Voltage: 6.3V; Case Size: 6.3x7 mm; Packaging: Bulk 在行高硅桥式整流器电流(电压- 5000伏特电流- 155安培 IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes) 在行高硅桥式整流器电流(电压- 5000伏特电流- 1535安培 IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes) 在行高硅桥式整流器电流(电压- 5000伏特电流- 155安培 Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 22uF; Voltage: 6.3V; Case Size: 5x11 mm; Packaging: Bulk Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 68uF; Voltage: 6.3V; Case Size: 4x11 mm; Packaging: Bulk Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 56uF; Voltage: 6.3V; Case Size: 5x7 mm; Packaging: Bulk XTAL CER SMT 6X3.5 2PAD Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 1200uF; Voltage: 6.3V; Case Size: 8x20 mm; Packaging: Bulk LED Panel Indicator; LED Color:Yellow; Luminous Intensity:40foot lambert; Forward Current:8.5mA; Forward Voltage:125V; Operating Temperature Range:-25 C to 85 C; Color:Yellow; Leaded Process Compatible:No RoHS Compliant: No
|
Transys Electronics, Ltd. Transys Electronics Ltd. TRSYS
|