PART |
Description |
Maker |
FBA04VA450VB-00 |
Leaded Ferrite Bead Inductors
|
Taiyo Yuden (U.S.A.), I...
|
4211-12 4211-13 4211-18 4211-2 4211-21 4211-23 421 |
Axial Leaded Filter Bead 1 FUNCTIONS, FERRITE BEAD
|
API Delevan
|
MU1005-100Y MU1005-102Y MU1005-121Y MU1005-151Y MU |
High Impedance Chip Ferrite Beads SMD Ferrite Bead 10ohms Impedance@100MHz 1 FUNCTIONS, 0.4 A, FERRITE CHIP MAGNETICS - FERRITE CHIP BEAD 1 FUNCTIONS, 0.2 A, FERRITE CHIP
|
Bourns Electronic Solutions http:// Bourns, Inc. Bourns Electronic Solut...
|
NCB1206B700TR NCB-H1805E600TR NMC0402P301TR NMC080 |
F BEAD, HIGH SPEED SIGNAL, 70 OHM @ 100 MHZ, 1206, SM 1 FUNCTIONS, 0.4 A, FERRITE CHIP 1 FUNCTIONS, 6 A, FERRITE CHIP 1 FUNCTIONS, 0.1 A, FERRITE CHIP 1 FUNCTIONS, 0.5 A, FERRITE CHIP 1 FUNCTIONS, 0.2 A, FERRITE CHIP 1 FUNCTIONS, 0.6 A, FERRITE CHIP 1 FUNCTIONS, 0.3 A, FERRITE CHIP
|
NIC Components, Corp. NIC COMPONENTS CORP
|
WFB-1.5-281-1-RC10 WFB-2.5-601-2-RC WFB-2.5-681-3- |
Wound Ferrite Beads 1 FUNCTIONS, FERRITE BEAD
|
Allied Components International http://
|
BLM15HB221SN1 BLM15HG601SN1 BLM15HD102SN1 BLM15HD1 |
Chip Ferrite Bead for GHz Noise EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co...
|
BLM31PG601SN1L BLM31PG601SN1B BLM31PG330SN1L |
FERRITE CHIP 600 OHM 1500MA 1206 1 FUNCTIONS, 1.5 A, FERRITE CHIP IND, FER BEAD, 1.5A, 0.09DCR 1 FUNCTIONS, 1.5 A, FERRITE CHIP Chip EMIFILr Inductor Type Chip Ferrite Beads, 1206 Series
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
HMA510883 HMA510GM-75883 HMA510GM-55883 HMA510GM-5 |
Multilayer Ferrite Bead; Impedance:70ohm; Current Rating:0.6A; Terminal Type:PCB Surface Mount; Inductance:70uH; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Package/Case:1206; Packaging:Cut Tape 16 × 16位并行乘加器的CMOS 16 x 16-Bit CMOS Parallel Multiplier Accumulator 16 × 16位并行乘加器的CMOS 16 x 16-Bit CMOS Parallel Multiplier Accumulator 16-BIT, DSP-MULTIPLIER ACCUMULATOR/SUMMER, CPGA68 Multilayer Ferrite Bead; Series:ILB-1206; Current Rating:200mA; Resistance:300mohm; Package/Case:1206; Frequency:100MHz; Impedance:600ohm; Inductance
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
1140-4R7M-RC 1140-101K-RC 1140-3R3M-RC 1140-681K-R |
RF Choke; Series:1140; Inductance:4.7uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:27A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:100uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:14.4A; DC Resistance Max:0.025ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:3.3uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:27A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:680uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:7.2A; DC Resistance Max:0.139ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:470uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:7.2A; DC Resistance Max:0.114ohm; Leaded Process Compatible:Yes; Body Material:Ferrite Very high current capacity Low DCR RF Choke; Series:1140; Inductance:82uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:14.4A; DC Resistance Max:0.023ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:2.2uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:27A; DC Resistance Max:0.002ohm; Leaded Process Compatible:Yes; Body Material:Ferrite
|
BOURNS INC Bourns Electronic Solutions
|
CM252016-R22ML CM201212-R22KL CM201212-R68KL CM322 |
MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.22 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.22 uH, POLYMER-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.68 uH, POLYMER-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - CHIP INDUCTOR 1 ELEMENT, 150 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - CHIP INDUCTOR 1 ELEMENT, 0.56 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.0056 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.018 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.0015 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 820 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductors .1uH 10% Wirewound 1 ELEMENT, 0.1 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductors 2.7uH 10% Wirewound 1 ELEMENT, 2.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductors .33uH 20% Wirewound 1 ELEMENT, 0.33 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.18 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.0018 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductors .033uH 10% Wirewound 1 ELEMENT, 0.033 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.0068 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.082 uH, POLYMER-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.18 uH, POLYMER-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductors 12uH 10% Wirewound 1 ELEMENT, 12 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductor; Inductor Type:Standard; Inductance:8.2uH; Inductance Tolerance: /- 10 %; Current Rating:0.27A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:150nH; Inductance Tolerance: /- 20 %; Current Rating:730A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:1.8uH; Inductance Tolerance: 10 %; Current Rating:0.39A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:1uH; Inductance Tolerance: /- 10 %; Current Rating:450A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:3.9uH; Inductance Tolerance: /- 10 %; Current Rating:0.33A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:330nH; Inductance Tolerance: 20 %; Current Rating:605A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:220nH; Inductance Tolerance: /- 20 %; Current Rating:665A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
1130-6R8M 1130-560K 1130-1R0M |
Leaded Choke; Series:1130; Inductance:6.8uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:21A; DC Resistance Max:0.004ohm; Leaded Process Compatible:No 1 ELEMENT, 56 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Leaded Choke; Series:1130; Inductance:1uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:21A; DC Resistance Max:0.003ohm; Leaded Process Compatible:No
|
BOURNS INC
|
|