PART |
Description |
Maker |
FBA04HA450VB-00 |
Leaded Ferrite Bead Inductors
|
Taiyo Yuden (U.S.A.), I...
|
FBA04VA600VB-00 |
Leaded Ferrite Bead Inductors
|
Taiyo Yuden (U.S.A.), I...
|
FBA04VA450VB-00 |
Leaded Ferrite Bead Inductors
|
Taiyo Yuden (U.S.A.), I...
|
FBA03HA450BB-00 |
Leaded Ferrite Bead Inductors
|
Taiyo Yuden (U.S.A.), I...
|
FBR07HA121NB-00 FBA04VA900BB |
Please read this notice before using the TAIYO YUDEN products. LEADED FERRITE BEAD INDUCTORS(FB SERIES A TYPE / R TYPE)
|
Tyco Electronics Taiyo Yuden (U.S.A.), Inc
|
BLM18AG471SN1D BLM18AG121SN1B BLM18AG102SN1D |
FERRITE CHIP 470 OHM 200MA 0603 BEAD FERRITE SM 0603 120@100MHZ 200MA BEAD,FERRITE,1000 OHMS, /-25%,100MA,0603
|
MURATA MANUFACTURING CO LTD
|
BLM21A121SPT |
SMD-FERRITE BEAD,200MA 120 OHM @ 100MHZ, 1 FUNCTIONS, 0.2 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd.
|
SDR2207 SDR2207-R80ML SDR2207-100M SDR2207-100ML S |
Inductor; Series:SDR2207; Inductance:6.8uH; Inductance Tolerance: /- 20 %; Q Factor:38; Self Resonant Frequency:27MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite DR; Current Rating:12A; Leaded Process Compatible:No 1 ELEMENT, 560 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDSM, PWR 10UH 30% 6060 贴片功率电感 SMD Power Inductors 贴片功率电感 Inductors 0.8uH 20% SMD 1 ELEMENT, 0.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMD Shielded Power Inductor
|
BOURNS INC Bourns, Inc. http:// Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
NCB1206B700TR NCB-H1805E600TR NMC0402P301TR NMC080 |
F BEAD, HIGH SPEED SIGNAL, 70 OHM @ 100 MHZ, 1206, SM 1 FUNCTIONS, 0.4 A, FERRITE CHIP 1 FUNCTIONS, 6 A, FERRITE CHIP 1 FUNCTIONS, 0.1 A, FERRITE CHIP 1 FUNCTIONS, 0.5 A, FERRITE CHIP 1 FUNCTIONS, 0.2 A, FERRITE CHIP 1 FUNCTIONS, 0.6 A, FERRITE CHIP 1 FUNCTIONS, 0.3 A, FERRITE CHIP
|
NIC Components, Corp. NIC COMPONENTS CORP
|
MLB05-550-RC MLB05-060-RC MLB05-560-RC MLB05-200-R |
1 FUNCTIONS, 0.4 A, FERRITE CHIP Multilayer Ferrite Bead s
|
http:// Allied Components International
|
BLM21PG221SN1 BLM21PG331SN1 BLM21PG600SN1 BLM21PG2 |
EMIFILr (Inductor type) Chip Ferrite Bead EMIFIL (Inductor type) Chip Ferrite Bead
|
Murata Manufacturing Co., Ltd.
|
1140-4R7M-RC 1140-101K-RC 1140-3R3M-RC 1140-681K-R |
RF Choke; Series:1140; Inductance:4.7uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:27A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:100uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:14.4A; DC Resistance Max:0.025ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:3.3uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:27A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:680uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:7.2A; DC Resistance Max:0.139ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:470uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:7.2A; DC Resistance Max:0.114ohm; Leaded Process Compatible:Yes; Body Material:Ferrite Very high current capacity Low DCR RF Choke; Series:1140; Inductance:82uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:14.4A; DC Resistance Max:0.023ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:2.2uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:27A; DC Resistance Max:0.002ohm; Leaded Process Compatible:Yes; Body Material:Ferrite
|
BOURNS INC Bourns Electronic Solutions
|