PART |
Description |
Maker |
FB43-226-RC FB43-110-RC FB43-422-RC FB73-422-RC FB |
Ferrite Bead Inductor; Ferrite Grade:43; Cable Diameter Max:0.06"; Features:Excellent EMI suppression capability at high frequency; Frequency Max:200MHz; Frequency Min:40MHz; Leaded Process Compatible:Yes; Series:FC FB 1 FUNCTIONS, FERRITE BEAD
|
Bourns Electronic Solutions Bourns, Inc.
|
FMC7G50US60 |
IGBT Compact & Complex Module Function Generator; Bandwidth Max:40MHz; Amplitude Accuracy :0.01dB; Frequency Max:40MHz; Frequency Min:0.1Hz; Waveforms:27 Built-in RoHS Compliant: NA
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
FM2G300US60 |
IGBT Molding Type Module Sweep Function Generator; Bandwidth Max:12MHz; Frequency Max:12MHz; Frequency Min:0.1Hz; Waveforms:Sine, Square, Triangle, Ramp, Pulse RoHS Compliant: NA
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
ICS9250-13 ICS9250YF-13 |
LX Single Clock, Supports 50 - 83.3MHz Frequency Generator & Integrated Buffers for PENTIUM/ProTM
|
ICST[Integrated Circuit Systems]
|
AE9003-44-43 AF9003-44-21 AC9003-44-24 AC9004-43-2 |
0 MHz - 12400 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1 dB INSERTION LOSS-MAX 0 MHz - 18000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.5 dB INSERTION LOSS-MAX 0 MHz - 4000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 0.6 dB INSERTION LOSS-MAX 0 MHz - 8000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 0.8 dB INSERTION LOSS-MAX 0 MHz - 12400 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 0.7 dB INSERTION LOSS-MAX 0 MHz - 8000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 0.5 dB INSERTION LOSS-MAX 0 MHz - 18000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1 dB INSERTION LOSS-MAX 0 MHz - 8000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 0.6 dB INSERTION LOSS-MAX
|
|
AV112-12 |
HIP3 Variable Attenuator 1.7-2.0 GHz 1700 MHz - 2000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.5 dB INSERTION LOSS-MAX HIP3 Variable Attenuator 1.7-2.0 GHz
|
Skyworks Solutions, Inc.
|
AV102-12LF |
HIP3 Variable Attenuator 1.7-2 GHz 1700 MHz - 2000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.5 dB INSERTION LOSS-MAX
|
Skyworks Solutions, Inc.
|
AV-1922-R-P-L AV-1020-N-P-L |
1900 MHz - 2200 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 0.4 dB INSERTION LOSS-MAX 1000 MHz - 2000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 0.4 dB INSERTION LOSS-MAX
|
RLC ELECTRONICS INC
|
3495H-642 3491H-644 |
5000 MHz - 10000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.6 dB INSERTION LOSS-MAX 1000 MHz - 2000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.6 dB INSERTION LOSS-MAX
|
HERLEY NEW YORK
|
3.0SMCJ5.0 3.0SMCJ5.0A 3.0SMCJ5.0C 3.0SMCJ5.0CA 3. |
3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 使用3000W表面贴装瞬态电压抑制器 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 30.0 A; IC(max) @ 100°: 15.0 A IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 30.0 A; IC(max) @ 100°: 15.0 A
|
PanJit International, Inc. Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
GMD81400 GMF11201 GMF10201 GMF90201 GMF10601 GMF10 |
CAPACITOR, VARIABLE, MICA, 250 V, 380 pF - 1300 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 880 pF - 2330 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 15 pF - 130 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 2000 V, 10 pF - 48 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 275 pF - 970 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 550 pF - 1600 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 65 pF - 340 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 450 pF - 1390 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1300 pF - 2830 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 115 pF - 550 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1150 pF - 2605 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 45 pF - 280 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 350 pF - 1180 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 190 pF - 760 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 780 pF - 2110 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 650 pF - 1890 pF, PANEL MOUNT
|
Sprague-Goodman Electronics, Inc.
|
|