PART |
Description |
Maker |
ACE708 |
300mA Iout, 0.85V startup, 1MHz, Synchronous Boost Converter
|
ACE Technology Co., LTD.
|
LT1117CST-2.85 LT1117CST-3.3 LT1117-3.3 LT1117-5 L |
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V 800mA的低压差可调和固定工作在2.85V.3VV的正稳压 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V 2.85 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V/ 3.3V/ 5V 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V 3.3V 5V From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
AAT1155IKS-1.0-T1 AAT1155IKS-2.5-T1 AAT1155IKS-1.8 |
1MHz 2.5A Step-Down DC/DC Converter 1MHz.5A降压型DC / DC转换
|
Advanced Analogic Technologies, Inc.
|
IRG4BC20UDS IRG4BC20UD-S IRG4BC20UD-STRR IRG4BC20U |
320 x 240 pixel format, LED or CFL Backlight 绝缘栅双极型晶体管,超快软恢复二极管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.85V,@和VGE \u003d 15V的,集成电路\u003d 6.5A TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 6.5A I(C) | TO-263AB INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
|
International Rectifier, Corp. IRF[International Rectifier]
|
MIC2810-4GPYML MIC2810-4GSYML MIC2810-4GKYML MIC28 |
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
|
Micrel Semiconductor
|
MIC2800-G4SYML MIC2800-A4SYML MIC2800-G7SYML MIC28 |
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
|
Micrel Semiconductor
|
AAT3237IGU-2.0-T1 AAT3237IGU-2.3-T1 AAT3237IGU-2.5 |
300mA MicroPowerLDO with PowerOK ⑩微功300mA的LDO稳压器与PowerOK 300mA MicroPowerLDO with PowerOK ⑩微功00mA的LDO稳压器与PowerOK 300mA MicroPower??LDO with PowerOK
|
Advanced Analogic Technologies, Inc.
|
MAX5015 MAX5014-MAX5015 MAX5015ESA MAX5014ESA MAX5 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 1 A SWITCHING CONTROLLER, 302 kHz SWITCHING FREQ-MAX, PDSO8 Current-Mode PWM Controllers with Integrated Startup Circuit for Isolated Power Supplies From old datasheet system Current- Mode PWM Controllers with Integrated Startup Circuit for Isolated Power Supplies
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
L1803G-SH2-R |
Programmable soft-start provides linear voltage startup
|
Unisonic Technologies
|
FAN6300SY |
High-Voltage Startup, Quasi-Resonant Operation
|
Fairchild Semiconductor
|
LT1086 LT1086CH LT1086CK LT1086CK-12 LT1086CK-5 LT |
1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V/ 3.3V/ 3.6V/ 5V/ 12V 1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V From old datasheet system
|
LINER[Linear Technology]
|
MAX8543EEE MAX8544 MAX8544EEP |
Step-Down Controllers with Prebias Startup, Lossless Sensing, Synchronization, and OVP
|
Maxim Integrated Produc...
|