PART |
Description |
Maker |
UM6264 UM6264M-10 UM6264M-10L UM6264-12 UM6264-10 |
Flash - NOR IC; Memory Type:FLASH; Access Time, Tacc:90ns; Page/Burst Read Access:25ns; Sector Type:Uniform; Package/Case:64-BGA; Memory Configuration:64K x 8; Memory Size:32MB; NOR Flash Type:Page Mode Access 8K x 8 CMOS SRAM
|
United Microelectronics Corporation ETC UMC[UMC Corporation]
|
UM612 UM614 UM617 UM604 UM628 UM605 UM611 UM622 UM |
15 Watt DC-DC Converters Flash - NOR IC; Memory Type:Flash; Access Time, Tacc:100ns; Page/Burst Read Access:25ns; Sector Type:Top Boot Block; Package/Case:56-TSOP; Memory Flash - NOR IC; Memory Type:Flash; Access Time, Tacc:100ns; Page/Burst Read Access:25ns; Sector Type:Bottom Boot Block; Package/Case:56-TSOP; Memory Flash - NOR IC; Memory Type:Flash; Access Time, Tacc:110ns; Page/Burst Read Access:25ns; Sector Type:Uniform; Package/Case:56-TSOP; Memory Flash - NOR IC; Memory Type:Flash; Access Time, Tacc:110ns; Page/Burst Read Access:25ns; Sector Type:Top Boot Block; Package/Case:56-TSOP; Memory Flash - NOR IC; Memory Type:FLASH; Access Time, Tacc:110ns; Page/Burst Read Access:25ns; Sector Type:Bottom Boot Block; Package/Case:56-TSOP; Memory Flash - NOR IC; Memory Type:Flash; Access Time, Tacc:90ns; Page/Burst Read Access:25ns; Sector Type:Bottom Boot Block; Package/Case:64-BGA; Memory Flash - NOR IC; Memory Type:Flash; Access Time, Tacc:90ns; Page/Burst Read Access:25ns; Sector Type:Uniform; Package/Case:56-TSOP; Memory
|
List of Unclassifed Man... List of Unclassifed Manufacturers N.A. Unisonic Technologies ETC[ETC] Electronic Theatre Controls, Inc.
|
M41T81M6 M41T81M6TR M41T81MX6 M41T81MX6T M41T81M6E |
SERIAL ACCESS RTC WITH ALARMS Serial Access Real-Time Clock with Alarms
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
AS7C31025A-20TJI AS7C1025A AS7C1025A-10JC AS7C1025 |
3.3V 128K x 8 CM0S SRAM (revolutionary pinout), 12ns access time 3.3V 128K x 8 CM0S SRAM (revolutionary pinout), 20ns access time 5V 128K x 8 CM0S SRAM (revolutionary pinout), 20ns access time 5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 10 ns, PDSO32 5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Triple 3-Input NAND Gates 14-SOIC -55 to 125 Parallel-Load 8-Bit Shift Registers 16-VQFN -40 to 85 Parallel-Load 8-Bit Shift Registers 16-SO -40 to 85 High Speed CMOS Logic Quad 2-Input AND Gates 14-SOIC -55 to 125 High Speed CMOS Logic Quad 2-Input AND Gates 14-TSSOP -55 to 125 Parallel-Load 8-Bit Shift Registers 16-SOIC -40 to 85 Parallel-Load 8-Bit Shift Registers 16-TSSOP -40 to 85 5V 128K x 8 CM0S SRAM (revolutionary pinout), 12ns access time 5V 128K x 8 CM0S SRAM (revolutionary pinout), 15ns access time 3.3V 128K x 8 CM0S SRAM (revolutionary pinout), 15ns access time
|
Alliance Semiconductor ... Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
M41T60 M41T60Q6F |
SERIAL ACCESS REAL-TIME CLOCK
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
M41T62 M41T65 M41T64 M41T63 |
Serial Access Real-Time Clock with Alarms
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
UT62257CLS-35L |
Access time: 35 ns, 32 K x 8 Bit low power CMOS SRAM
|
UTRON Technology
|
UDT555UV/LN |
Serial Access Real-Time Clock with Alarms 集成电路放大器输出相
|
Electronic Theatre Controls, Inc.
|
MH25632BJ-10 |
Access time: 100 ns, 265K x 4 bit dynamic RAM
|
Mitsubishi Electric Corporation
|
5962-01533 UT8Q512K32-SWC 8Q512K32 UT8Q512K32 UT8Q |
512K32 16Megabit SRAM MCM: SMD. 25ns access time, 3.3V operation. QML class Q. Lead finish gold. Total dose 3E4(30krad(Si)). 512K32 16Megabit SRAM MCM: SMD. 25ns access time, 3.3V operation. QML class Q. Lead finish gold. Total dose 5E4(50krad(Si)). 512K32 16Megabit SRAM MCM: SMD. 25ns access time, 3.3V operation. QML class Q. Lead finish gold. Total dose 1E4(10krad(Si)). 16Megabit SRAM MCM 16Megabit的SRAM亿立方米 512K32 16Megabit SRAM MCM: SMD. 25ns access time, 3.3V operation. QML class T. Lead finish gold. Total dose none 512K32 16Megabit SRAM MCM: SMD. 25ns access time, 3.3V operation. QML class Q. Lead finish gold. Total dose none. 512K32 16Megabit SRAM MCM: SMD. 25ns access time, 3.3V operation. QML class T. Lead finish gold. Total dose 1E4(10krad(Si)). 512K32 16Megabit SRAM MCM: SMD. 25ns access time, 3.3V operation. QML class T. Lead finish gold. Total dose 5E4(50krad(Si)). 512K32 16Megabit SRAM MCM: SMD. 25ns access time, 3.3V operation. QML class T. Lead finish gold. Total dose 3E4(30krad(Si)).
|
Aeroflex Circuit Techno... http:// AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc. Aeroflex, Inc.
|