PART |
Description |
Maker |
74LVTH16646MEAX 74LVT16646MEAX |
8K, 1K X 8, 16B PAGE, 2.5V SER EE IND, -40C to 85C, 8-TSSOP, T/R 位总线收发 512K, 64K X 8, 2.5V SER EE, IND, -40C to 85C, 8-SOIC 208mil, T/R 位总线收发
|
TE Connectivity, Ltd. Fairchild Semiconductor, Corp.
|
MAX4909 |
Dual 3:1 Clickless Audio Multiplexers with Negative-Signal Handling
|
MAXIM
|
OPB871N51TX OPB871N51TV OPB872N51TV |
256K, 32K X 8, 2.5V SER EE, -40C to 85C, 8-SOIC 150mil, TUBE 256K, 32K X 8, 2.5V SER EE, -40C to 85C, 8-SOIC 208mil, TUBE Photo Gap Detector
|
|
SMLV56RGB1W12Y |
SMLV56 Series
|
Rohm
|
SML-D13Y8W SML-D13P8W SML-D12D8W SML-D13D8W |
SML-D1 Series EXCELED
|
Rohm
|
LTC1421-2.5CG LTC1421-2.5CSW |
14-bit, 5V, 200KSPS, 4-Channel Unipolar ADC 20-SOIC 0 to 70 14-Bit 200KSPS ADC Ser. Out, Auto PWRDN, Single Ended Input 8-SOIC -40 to 85 热插拔控制器
|
Linear Technology Corporation Linear Technology, Corp.
|
74LVT16244MEAX |
256K, 32K X 8, 2.5V SER EE, -40C to 85C, 8-TSSOP, T/R 位缓冲器/驱动
|
Bourns, Inc.
|
74LVT374PW-T 74LVT374DB-T |
16K SPI, 2K X 8, 16B PAGE, 1.8V SER EE, -40C to 85C, 8-MSOP, T/R Octal D-Type Flip-Flop
|
|
74LVT16245B 74LVT16245BEV |
74LVT16245B; 3.3 V LVT 16-bit transceiver (3-State) 32K, 4K X 8, 2.5V SER EE EXT, -40C to 125C, 8-SOIC 150mil, TUBE
|
Philips
|
74LVTH162240 74LVT162240 74LVT162240MEAX 74LVT1622 |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs Quad 4-Bit Buffer/Driver 1K, 128 x 8, 2.5V SER EE, -40C to 85C, 8-MSOP, T/R 位缓冲器/驱动 1K, 128 X 8, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R
|
Fairchild Semiconductor Ohmite Mfg. Co.
|
74LVTH273 74LVTH273SJX 74LVTH273WMX |
Low Voltage Octal D-Type Flip-Flop with Clear From old datasheet system 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 85C, 8-MSOP, TUBE 八路D类触发器
|
Fairchild Semiconductor Omron Electronics, LLC
|
MAX4456EQHD MAX4663EAE MAX4663EAET MAX4520EUAT MAX |
Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches 8-CHANNEL, CROSS POINT SWITCH, PQCC44 2.5 Ohm Quad, SPST, CMOS Analog Switches QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16 Rail-to-Rail, Fault-Protected, SPST Analog Switches 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8 Low-Voltage, Quad, SPST CMOS Analog Switches QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDIP14 Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8 Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers 4-CHANNEL, SGL ENDED MULTIPLEXER, PDSO14 Audio/Video Switch for Dual SCART Connectors DUAL 7-CHANNEL, AUDIO/VIDEO SWITCH, QCC48 Precision, Low-Voltage, SPST CMOS Analog Switch DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16 Quad, Low-Voltage SPST Analog Switches QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16 Rail-to-Rail, Fault-Protected, SPST Analog Switches 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO6 High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP16 Serially Controlled, Clickless Audio/Video Switches 11 1-CHANNEL, AUDIO/VIDEO SWITCH, PDSO28 Low-Voltage, Single 8 to 1 and Dual 4 to 1 Cal Multiplexers 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDSO20 Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO5 ±15kV ESD-Protected, Low-Voltage, Dual, SPST, CMOS Analog Switches
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
|