PART |
Description |
Maker |
SR12 SR12.TC SR12.TCT |
RailClamp? Low Capacitance TVS Diode Array RailClamp庐 Low Capacitance TVS Diode Array RailClamp㈢ Low Capacitance TVS Diode Array
|
http:// Semtech Corporation
|
PJSR12TB4 PJSR05TB4 |
LOW CAPACITANCE TVS AND DIODE ARRAY 350 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Pan Jit International Inc.
|
RCLAMP0514M.TBT RCLAMP0514M |
RailClamp? Low Capacitance TVS Diode Array RailClamp㈢ Low Capacitance TVS Diode Array
|
Semtech Corporation
|
RCLAMP0504N RCLAMP0504N.TCT |
RailClamp? Low Capacitance TVS Diode Array RailClamp㈢ Low Capacitance TVS Diode Array
|
Semtech Corporation
|
SR05.TC SR05.TCT |
RailClamp? Low Capacitance TVS Diode Array RailClamp㈢ Low Capacitance TVS Diode Array
|
Semtech Corporation
|
NUP4201MR6 NUP4201MR6T1G NUP4201MR6T1 NUP4201 |
Low Capacitance Surface Mount TVS for High-Speed Data Interfaces Low Capacitance TSOP-6 Diode-TVS Array for High Speed Data Lines Protection
|
ONSEMI[ON Semiconductor]
|
VSMF05LC-P-T7 VSMF05LC-P-T13 |
LOW CAPACITANCE TVS ARRAY 25 W, UNIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE
|
ProTek Devices
|
PSOT08LC-T13 PSOT03LC-LF-T7 PSOT03LC-T7 PSOT03LC-L |
500 W, UNIDIRECTIONAL, SILICON, TVS DIODE ROHS COMPLIANT PACKAGE-3 ULTRA LOW CAPACITANCE TVS ARRAY
|
PROTEC[Protek Devices]
|
CD6274CA CD6275 CD6302CA 1.5KCD6.8C CD6272CA CD628 |
Low Capacitance, 16 - Channel ±15 V/12 V iCMOS™ Multiplexer; Package: LFCSP (5x5x.85mm) w/2.7exposed pad; No of Pins: 32; Temperature Range: TBD 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 16 - Channel ±15 V/12 V iCMOS™ Multiplexer; Package: TSSOP (4.4mm); No of Pins: 28; Temperature Range: TBD 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 0.5 Ω CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer; Package: MSOP; No of Pins: 10; Temperature Range: Automotive 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE CELLULAR DIE PACKAGE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 480 MHz, Single Supply, Triple 2:1, Buffered (G= 2) Multiplexer; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 16-Channel Multiplexer (Superior DG506A Replacement); Package: PLCC; No of Pins: 28; Temperature Range: Commercial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 5 Ω Max Ron, 4 - /8 - Channel ±15 V /12 V /± 5 V Multiplexers; Package: LFCSP (4x4mm, 2.50mm exposed pad); No of Pins: 16; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE CMOS Low Voltage, 3 O 4-Channel Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 0.28 O CMOS 1.65 V to 3.6 V Single SPST Switches in SC70 Open for a Logic 1 Input; Package: SC70; No of Pins: 6; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 8-Channel, ±15 V/ 12 V iCMOS® Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: Commercial 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 8-Channel, ±15 V/ 12 V iCMOS® Multiplexer; Package: LFCSP (4x4x.85mm, 2.10mm exposed pad); No of Pins: 16; Temperature Range: TBD 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 4-Channel, ±15 V/ 12 V iCMOS™ Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: TBD 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 4 Channel Buffered, 250 MHz, 10 ns Switching Multiplexer w/Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Industrial
|
Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
PMMAD1103 |
ultra low capa citance multi-line steering diode arra y
|
Protek Devices
|
|