PART |
Description |
Maker |
M62358FP M62358P |
8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
|
Renesas Electronics Corporation
|
AK9813A AK9813AF |
12ch 8bit D/A Converter with EEPROM
|
AKM[Asahi Kasei Microsystems]
|
TMC3533KRC50 TMC3533 TMC3533KRC30 TMC3533KRC80 TMC |
Triple Video D/A Converter 8 bit, 80 Msps, 3.3V TRIPLE, PARALLEL, 8 BITS INPUT LOADING, 0.015 us SETTLING TIME, 8-BIT DAC, PQCC44 From old datasheet system Triple Video D/A Converter 8 bit/ 80 Msps/ 3.3V 30MHz Triple 8-Bit 3V Video D/A Converter 50MHz Triple 8-Bit 3V Video D/A Converter 80MHz Triple 8-Bit 3V Video D/A Converter
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
BD8379EFVM-E2 |
12ch LED Driver IC with 3-line Serial Interface
|
Rohm
|
AD1674 AD1674AR AD1674AD AD1674B AD1674JNZ AD1674J |
12-Bit 100 kSPS A/D Converter 12-Bit 100 kSPS A/D Converter(12浣?00kSPS A/D杞???? 12-Bit, 100 kSPS, Complete ADC ; Industry Standard SIP7 and DIP14 Packages; Power Sharing on Outputs; Optional Continuous Short Circuit Protected; 1kVDC & 2kVDC Isolation Options 12-Bit 100 kSPS A/D Converter 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD9020TZ/883 AD9020SE/883 AD9020TE/883 AD9020SZ/88 |
10-Bit 60 MSPS A/D Converter 1-CH 10-BIT FLASH METHOD ADC, PARALLEL ACCESS, CQFP68 10-Bit 60 MSPS A/D Converter 100MSPS的A/D转换 10-Bit 60 MSPS A/D Converter 1-CH 10-BIT FLASH METHOD ADC, PARALLEL ACCESS, CQCC68 240 x 64 pixel format, CFL, LED, or EL Backlight available
|
Analog Devices, Inc.
|
SSS1408A-6Q SSS1508A SSS1508A-8Q AM1408N6 AM1408N7 |
8-Bit Multiplying D/A Converter 8位乘法D / A转换 8-Bit Multiplying D/A Converter PARALLEL, 8 BITS INPUT LOADING, 0.25 us SETTLING TIME, 8-BIT DAC, CDIP16
|
Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
T87C5112NBSP T80C5112NBSP T83C5112NBSP T87C5112 |
8-bit microcontroller 8 Kbytes OTP with A/D converter 8-bit microcontroller ROMless with A/D converter 8-bit microcontroller 8 Kbytes ROM with A/D converter From old datasheet system
|
Atmel Corp
|
LTC1410 LTC1410C LTC1410CG LTC1410CSW LTC1410I LTC |
12-Bit, 1.25Msps Sampling A/D Converter with Shutdown 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 12-Bit/ 1.25Msps Sampling A/D Converter with Shutdown 12-Bit, 1.25Msps Sampling A/D Converter with Shutdown From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
LTC1272-8ACSW LTC1272-8CCSW LTC12721 LTC1272 LTC12 |
12-Bit, 3楼矛s, 250kHz Sampling A/D Converter 12-Bit, 3渭s, 250kHz Sampling A/D Converter 12-Bit, 3μs, 250kHz Sampling A/D Converter 12-Bit, 3µs, 250kHz Sampling A/D Converter; Package: SO; No of Pins: 24; Temperature Range: 0°C to 70°C 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 12-Bit, 3µs, 250kHz Sampling A/D Converter; Package: PDIP; No of Pins: 24; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AD9752ARZ AD9752ARUZ AD9752ARZRL AD9752-15 |
12-Bit, 100 MSPS TxDAC® D/A Converter PARALLEL, WORD INPUT LOADING, 0.035 us SETTLING TIME, 12-BIT DAC, PDSO28 12-Bit, 125 MSPS High Performance TxDAC D/A Converter
|
Analog Devices
|