PART |
Description |
Maker |
794077-2 177898-6 177898-1 1-1586038-4 1-794221-0 |
AMP Soft Shell Pin and Socket Connectors VAL–U–LOK Series Connector System .163" Centerline, 600 V, 9.5 A max. VAL-U-LOK Series Connector System; 14P VRT HDR VAL-U-LOK V0 ( AMP ) Power Double-Lock Connectors; POWER DBL LOCK PLUG HSG 2P ( AMP )
|
Tyco Electronics
|
DR331-4-333 |
DR331-4 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 33µH. Rated Current 3.0 Amps. Operating Temp. -40°C to 85°C. Size: 18.54mm x 15.24mm x 7.11mm.
|
DATATRONIC DISTRIBUTION INC
|
UPD424402LB-70L UPD424402V-60 UPD424402V-60L UPD42 |
COMLINK SERIES 1:10 Clock Fanout Buffer with Output Enable ComLink Series 1:4 Clock Fanout Buffer ComLink Series 1:8 Clock Fanout Buffer ComLink Series High-drive Two-Channel LVDS Repeater/Mux x4 Static Column Mode DRAM x4静态列模式DRAM COMLINK™ SERIES 1:10 Clock Fanout Buffer with Output Enable ComLink™ Series 1:8 Clock Fanout Buffer
|
TE Connectivity, Ltd.
|
415226-1 |
F Series and G Series; PLUG, SERIES F ( AMP )
|
Tyco Electronics
|
SN74LS10D ON2808 SN74LS10N SN54-74LS10 SN54LS10J |
500mA, 5V, ±4% Tolerance, Voltage Regulator, Ta = 0°C to 125°C; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Rail; Qty per Container: 75 LS SERIES, TRIPLE 3-INPUT NAND GATE, PDIP14 From old datasheet system
|
ONSEMI[ON Semiconductor]
|
MC74HC174ADG |
Hex D Flip−Flop with Common Clock and Reset High−Performance Silicon−Gate CMOS HC/UH SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO16
|
ON Semiconductor
|
74LS20 DM74LS20 DM74LS20M DM74LS20N |
Octal Buffer/Line Driver with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel LS SERIES, DUAL 4-INPUT NAND GATE, PDIP14
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74VHC374MTC 74VHC374N 74VHC374SJ 74VHC374 74VHC374 |
28 PIN, 8KB RAM, MAC & PHY, ETHERNET CONTROLLER, PB FREE, -40C to 85C, 28-QFN, T/R AHC/VHC SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 Octal D-Type Flip-Flop with 3-STATE Outputs AHC/VHC SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
1-2029059-0 |
VAL–U–LOK Series Connector System
|
Tyco Electronics
|
1-200833-1 |
M Series Connectors; SERIES"M" GUIDE PIN ST. STL. ( AMP )
|
Tyco Electronics
|
HGTP10N120BN HGTG10N120BN HGT1S10N120BNS HGT1S10N1 |
1200V, NPT Series N-Channel IGBT; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape & Reel 35 A, 1200 V, N-CHANNEL IGBT, TO-263AB 35A/ 1200V/ NPT Series N-Channel IGBT 35A, 1200V, NPT Series N-Channel IGBT 35 A, 1200 V, NPT N-Channel IGBT
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|