PART |
Description |
Maker |
ADG3308-1-15 |
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
|
Analog Devices
|
G3403 |
Bidirectional I2C Bus and SMBus Voltage Level Translator
|
Global Mixed-mode Techn...
|
PCA9306 PCA9306D PCA9306DC PCA9306DC1 PCA9306DP PC |
Dual bidirectional I2C-bus and SMBus voltage-level translator
|
NXP Semiconductors
|
UM3212M8 |
Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
|
Union Semiconductor, In...
|
NVT2001 NVT2002 NVT2002DP NVT2001GM |
Bidirectional voltage level translator for open-drain and push-pull applications
|
NXP Semiconductors NXP Semiconductors N.V.
|
NVT2004 NVT2006 NVT2004TL NVT2003DP |
Bidirectional voltage-level translator for open-drain and push-pull applications
|
NXP Semiconductors
|
UM2001P |
Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
|
Union Semiconductor, In...
|
1.5KE180 1.5KE33A 1.5KE16C 1N6268A 1N6303 1.5KE51 |
1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes 18 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 36 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 8.2 V, 10 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 10 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 320 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 43 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 24 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 12 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode Transient Voltage Suppressor (TVS) 瞬态电压抑制器(TVS 56 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 33 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 6.8 V, 10 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 75 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 68 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 47 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 130 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode
|
Fagor List of Unclassifed Manufac... List of Unclassifed Manufacturers ETC[ETC] Jameco Electronics TE Connectivity, Ltd. Electronic Theatre Controls, Inc. Ecliptek, Corp. IDEC, Corp. List of Unclassifed Man...
|
UM3302 UM3302H |
2-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and ±15kV ESD Protection
|
Union Semiconductor, In...
|
ADG3233BRJ-REEL ADG3233BRJ-REEL7 ADG3233BRM ADG323 |
Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch Low Voltage 1.65 V to 3.6 V, (Up/Down) Logic Level Translation, Bypass Switch
|
Analog Devices, Inc.
|
MAX17079GTL |
4-Level or 2-Level Logic to High-Voltage Level Shifter for TFT LCD TV Display
|
http://
|