PART |
Description |
Maker |
NTB90N02 NTB90N02T4 NTP90N02 |
Power MOSFET 90 Amps / 24 Volts TV 18C 14#22D 4#8(TWINAX) PIN 90 A, 24 V, 0.0058 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 90 Amps, 24 Volts Power MOSFET 90 Amps 24 Volts
|
ONSEMI[ON Semiconductor]
|
NTMS4P01R2 NTMS4P01R2/D NTMS4P01R2-D |
Power MOSFET -4.5 Amps, -12 Volts P-Channel Enhancement-Mode Single SO-8 Package Receptacle With A Standard Tail Power MOSFET -4.5 Amps-12 Volts
|
ON Semiconductor
|
NTTD1P02R2-D NTTD1P02R2/D |
Power MOSFET -1.45 Amps-20 Volts Power MOSFET -1.45 Amps, -20 Volts P-Channel Enhancement Mode Dual Micro8 Package
|
ON Semiconductor
|
NTF3055-160T1 NTF3055-160T3 NTF3055-160T3LF NTF305 |
TRANSISTOR|MOSFET|N-CHANNEL|60VV(BR)DSS|2AI(D)|SOT-223
From old datasheet system Power MOSFET 2.0 Amps, 60 Volts N?Channel SOT23(2A,60V逻辑电平,N通道,SOT-223封装的功率MOSFET) Power MOSFET 2.0 Amps, 60 Volts N-Channel SOT-223 2 A, 60 V, 0.16 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261
|
ONSEMI[ON Semiconductor]
|
NTP75N03-06 NTB75N03-06 NTB75N03-06T4 NTP75N03-006 |
Power MOSFET 75 75Power MOSFET 75 75 Power MOSFET 75 Amps, 30 Volts N-Channel TO-220(75A,30V,N通道,TO-220封装的功率MOSFET) Power MOSFET 75 Amps, 30 Volts N−Channel TO−220 and D2PAK
|
ONSEMI[ON Semiconductor]
|
NTB45N06G NTB45N06T4G NTP45N06G |
Power MOSFET 45 Amps, 60 Volts; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 800 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 45 Amps, 60 Volts N?Channel TO?20 and D2PAK
|
ON Semiconductor
|
NTMD2P01R2 NTMD2P01R2-D |
Power MOSFET -2.3 Amps, -16 Volts Dual SO-8 Package Power MOSFET -2.3 Amps, -16 Volts Dual SO Package(-2.3A16V,双通道SO-8封装的功率MOSFET) 2.3 A, 16 V, 0.1 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
NTMD6P02R2 NTMD6P02R2-D NTMD6P02 |
Power MOSFET 6 Amps, 20 Volts P?Channel SO, Dual(6A0V,双P沟道SO-8封装的功率MOSFET) Power MOSFET 6 Amps, 20 Volts P-Channel SO-8, Dual
|
ONSEMI[ON Semiconductor]
|
NTD32N06L NTD32N06LT4 NTD32N06L-1 NTD32N06LT4G NTD |
Power MOSFET 32 Amps, 60 Volts, Logic Level(N−Channel DPAK) Power MOSFET 32 Amps, 60 Volts, Logic Level(N-Channel DPAK) Power MOSFET 32 Amps / 60 Volts / Logic Level(N-Channel DPAK) Power MOSFET 32 Amps, 60 Volts, Logic Level N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
NTP27N06L-D NTB27N06L NTP27N06L |
Power MOSFET 27Amps, 60 Volts,Logic Level N-Channel TO-220(27A, 60 V,逻辑电平,N通道,TO-220封装的功率MOSFET) 27 A, 60 V, 0.048 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 27 Amps, 60 Volts, Logic Level N-Channel TO-220 and D2PAK
|
ITT, Corp. ON Semiconductor
|
NTD85N02RT4G NTD85N02R NTD85N02R-001 NTD85N02R-1G |
Power MOSFET 85 Amps, 24 Volts N-Channel DPAK 85 A, 24 V, 0.0052 ohm, N-CHANNEL, Si, POWER, MOSFET Power Mosfet 85 A, 24 V, N-Channel DPAK Power MOSFET 85 Amps / 24 Volts N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
NTD60N03-1 NTD60N03T4 NTD60N03 |
Power MOSFET 60 Amps, 28 Volts
|
ONSEMI[ON Semiconductor]
|
|