PART |
Description |
Maker |
IRFR6215PBF IRFU6215PBF IRFR6215TR IRFR6215TRL IRF |
Advanced Process Technology HEXFET㈢ Power MOSFET HEXFET? Power MOSFET 13 A, 150 V, 0.295 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252AA 175°C Operating Temperature
|
International Rectifier
|
IRLL024NQ IRLL024NQTRPBF |
3.1 A, 55 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET HEXFET? Power MOSFET HEXFET㈢ Power MOSFET 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
International Rectifier
|
AUIRF1404Z AUIRF1404ZL AUIRF1404ZS |
HEXFET垄莽 Power MOSFET HEXFET? Power MOSFET 160 A, 40 V, 0.0037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA Low On-Resistance
|
International Rectifier List of Unclassifed Man...
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
SI4410DYPBF SI4410DYTRPBF |
N-Channel MOSFET 10 A, 30 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, MS-012AA LEAD FREE, SO-8 HEXFET㈢Power MOSFET HEXFET?Power MOSFET
|
Hypertronics, Corp. International Rectifier
|
IXTA10N60P IXTP10N60P IXTI10N60P |
MOSFET N-CH 600V 10A D2-PAK 10 A, 600 V, 0.74 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB PolarHV Power MOSFET
|
Infineon Technologies AG IXYS CORP IXYS Corporation
|
NTD18N06LT4G NTD18N06 NTD18N06L NTD18N06L-1 NTD18N |
Power MOSFET 18 A, 60 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 18 Amps, 60 Volts, Logic Level N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
NTB90N02 NTB90N02T4 NTP90N02 |
Power MOSFET 90 Amps / 24 Volts TV 18C 14#22D 4#8(TWINAX) PIN 90 A, 24 V, 0.0058 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 90 Amps, 24 Volts Power MOSFET 90 Amps 24 Volts
|
ONSEMI[ON Semiconductor]
|
IRF5802 IRF5802TR |
150V Single N-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package Power MOSFET(Vdss=150V, Id=0.9A) Power MOSFET(Vdss=150V/ Id=0.9A) 0.9 A, 150 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET
|
IRF[International Rectifier]
|
IRFZ30-005 IRFZ22-012 IRFZ25-012 IRF733-005PBF IRF |
30 A, 50 V, 0.05 ohm, N-CHANNEL, Si, POWER, MOSFET 14 A, 50 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET 16 A, 60 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET 4.5 A, 350 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET 9.2 A, 80 V, 0.27 ohm, N-CHANNEL, Si, POWER, MOSFET 28 A, 80 V, 0.077 ohm, N-CHANNEL, Si, POWER, MOSFET 2.6 A, 200 V, 2.4 ohm, N-CHANNEL, Si, POWER, MOSFET 50 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET 10 A, 350 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET 3.3 A, 150 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET 5.6 A, 80 V, 0.54 ohm, N-CHANNEL, Si, POWER, MOSFET 30 A, 60 V, 0.05 ohm, N-CHANNEL, Si, POWER, MOSFET 13 A, 250 V, 0.34 ohm, N-CHANNEL, Si, POWER, MOSFET 18 A, 200 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET 4.4 A, 250 V, 1.1 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Bourns, Inc. Molex, Inc. VISHAY INTERTECHNOLOGY INC
|
|