PART |
Description |
Maker |
M5154-000005-05KPG M5134-000005-01KPG M5134-000005 |
Heavy Industrial Pressure Transducer
|
Measurement Specialties
|
SC5203 SC5203-3.0CSK SC5203-3.3CSK SC5203-3.6CSK S |
5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO4 3.8 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO4 80mA ULTRA LOW DROPOUT VOLTAGE REGULATOR 80mA的超低压降稳压器 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 200 psi, Absolute, Cell with body o-ring, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Vacuum Gage, 1/4-18 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Vacuum Gage, 1/8-27 NPT, 10 Vdc excitation
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
D5100 |
Industrial Differential Pressure Transducer
|
TE Connectivity Ltd
|
SC2128A SC2128A-C20S SC2128A-C20D SC2128A-M94S SC2 |
RES 330 OHM 1/16W .05% 0603 SMD Pressure Transducer, Series 19 mm, Uncompensated, Pressure Range: 0 psi to 30 psi, Gage, Cell with body o-ring, 10 Vdc excitation Pressure Transducer, Series 19 mm, Uncompensated, Pressure Range: 0 psi to 30 psi, Absolute, flush mount with flange, 10 Vdc excitation Pressure Transducer, Series 19 mm, Uncompensated, Pressure Range: 0 psi to 30 psi, Gage, flush mount, 10 Vdc excitation REMOTE FAN CONTROL IC 遥控风扇控制IC RES 820 OHM 1/16W 0.5% 0402 SMD 遥控风扇控制IC RES 150 OHM 1/16W .05% 0603 SMD 遥控风扇控制IC RES 97.6K OHM 1/16W 0.1% 0402SMD 遥控风扇控制IC RES 82.0KOHM 1/16W 0.5% 0402 SMD 遥控风扇控制IC KJA SERIES I
|
SILAN[Silan Microelectronics Joint-stock] 杭州士景电子有限公司 Hangzhou Silan Microelectronics Co., Ltd. ???澹???靛???????
|
LTC1177CSW-12 LTC1177ISW-12 LTC1177-12 LTC1177-5 L |
Isolated MOSFET Drivers From old datasheet system Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 5 psi, Gage, flush mount, 10 Vdc excitation
|
LINER[Linear Technology] Linear Technology Corporation
|
HCXPMXXXX HCX001A6H HCX001A6V HCX001D6V HCX001XXX |
Fully signal conditioned pressure transducer
|
List of Unclassifed Manufacturers ETC[ETC]
|
HCXM350D6H HCXM350D6V HCXM100D6H HCXM100D6V HCX001 |
Fully signal conditioned pressure transducer
|
Sensortechnics GmbH
|
DS2806 |
HPS-A Series Voltage Output Pressure Transducer
|
TT Electronics.
|
12000 |
COMMERCIAL GRADE 90MV DC OUTPUT PRESSURE TRANSDUCER
|
List of Unclassifed Manufacturers
|
20710000PSIG |
Pressure Sensor, Transducer, 0 to 10000psi Range, Gage Type
|
Setra System
|
PTX1400 PMP1400 |
Druck Industrial Pressure Sensors
|
GEC[General Electric Company]
|