PART |
Description |
Maker |
APS100DH APS100HD-24B-D025B APS100HD-24B-D033B APS |
18-36 VDC INPUT RANGE DC-DC CONVERTER HALF-BRICK POWER MODULES 100-150 WATTS SINGLE & DUAL OUTPUT
|
List of Unclassifed Manufacturers ETC
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
VMIL100 |
100 Watts, 28 Volts, Class AB Defcom 100 - 200 MHz
|
GHZTECH[GHz Technology]
|
RFP-100-100RW |
Flanged Resistors 100 Watts, 100 ohm
|
Anaren Microwave
|
FKC08 |
8 WATTS DC-DC CONVERTER
|
Amtex
|
RED20-110D12W RED20-110S12W RED20-110S15W RED20-24 |
20 WATTS DC-DC CONVERTER
|
Power Mate Technology C...
|
TEM03-05S05 TEM03-12D12 TEM03-12S05 TEM03-24S05 TE |
3 WATTS DC-DC CONVERTER
|
RSG Electronic Componen...
|
PDS03-48D12 PDS03-48S09 PDS03-12S12 PDS03-24D05 PD |
3 WATTS DC-DC CONVERTER
|
RSG Electronic Componen...
|
PMKC03 PMKC03-05D05 PMKC03-05D12 PMKC03-05DS12 PMK |
3 WATTS DC-DC CONVERTER
|
RSG Electronic Components GmbH RSG Electronic Componen...
|
FED20-12D15 FED20-12D12 FED20-12S05 FED20-12S3P3 F |
20 WATTS DC-DC CONVERTER
|
Power Mate Technology Co., LTD Power Mate Technology C...
|
LCD10-24D05W |
10 WATTS DC-DC CONVERTER
|
RSG Electronic Componen...
|
AV45C-20 AK45C-048L-018F20HAN-68 AK45C-048L-025F20 |
100 Watts
|
ASTEC[Astec America, Inc]
|