PART |
Description |
Maker |
BUV28A BUV40 BUV27A BUW91 BUV26A |
8-bit MCU for automotive with single voltage, Flash memory, data EEPROM, ADC, timers, SPI 8-bit low cost, low pin-count MCU for automotive with single voltage Flash memory, ADC, timers 8-bit MCU for automotive with Flash or ROM, 10-bit ADC, 5 timers, SPI, LINSCI", active CAN 晶体管|晶体管| npn型| 150伏五(巴西)总裁| 12A条一(c)| TO - 220AB现有 VERY LOW DROP VOLTAGE REGULATOR 晶体管|晶体管| npn型| 200伏五(巴西)总裁|5A一(c)|的SOT - 93
|
STMicroelectronics N.V.
|
UC3826N UC1826QTR |
Rad-hard 8 bit SIPO shift register Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V 模拟IC
|
STMicroelectronics N.V.
|
UBB12/3D24 UBB12/2.5Q48 UBB5/6Q48 UBB5/7D24 UBB15/ |
8-bit MCU for automotive with 16 to 60 Kbyte Flash, ADC, CSS, 5 timers, SPI, SCI, I2C interface 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI" 8-bit MCU for automotive, 16 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 模拟IC
|
NEC, Corp.
|
UAA2067GB-S |
8-bit MCU for automotive, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 收发器电路电
|
NXP Semiconductors N.V.
|
20CJQ030 |
Redundant power subsystems
|
Sangdest Microelectroni...
|
EFRD-PA40 |
1400W 1U Redundant Power Module
|
List of Unclassifed Man...
|
EFRP-P280AH |
800W CRPS 1U Redundant Power
|
List of Unclassifed Man...
|
EFRP-G55A |
550W CRPS 1U Redundant Power Module
|
List of Unclassifed Man...
|
EFRP-S287 |
280W ERP1U Redundant Power Module
|
List of Unclassifed Man...
|
EFRP-S2307H |
1U 300W Server Redundant Power Supply
|
List of Unclassifed Man...
|
IGP-0101 |
Redundant power inputs with Terminal Block
|
Level One
|
|