PART |
Description |
Maker |
AN1504 |
STARTING A PWM SIGNAL DIRECTLY AT HIGH LEVEL USING THE ST7 16-BIT TIMER
|
STMicroelectronics
|
SPR-325 SPR-325MVW |
Directly mountable, two-color LEDs (5.0 mm) 直接挂载,双色发光二极管(フ5.0毫米 DUAL COLOR LED, RED/GREEN, 3.2 mm Directly mountable, two-color LEDs (フ5.0 mm) Directly mountable, two-color LEDs (Φ5.0 mm)
|
Rohm Co., Ltd. Vicor, Corp. ROHM[Rohm]
|
B59550A0135A020 B59192A0120A020 B59196A0120A020 B5 |
Motor Starting
|
EPCOS[EPCOS]
|
B59536A0135A02012 |
PTC thermistors for motor starting
|
EPCOS
|
TEA1201TS |
0.95 V starting basic power unit
|
NXP Semiconductors Philips Semiconductors
|
CM6503 CM6503IP CM6504 CM6504IP |
8-PIN SINGLE PFC CONTROLLER WITH 50% PWM CLOCK SIGNAL
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers
|
LNG301MPU LNG801LPD |
Directly Joint Type
|
Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
012-900 048-500 005-900 024-900 |
Can be welded directly onto PCB.
|
HuaXinAn Electronics CO...
|
SPR-505 |
Directly mountable, two-color LEDs (Φ5.0 mm) Directly mountable, two-color LEDs (5.0 mm) Directly mountable, two-color LEDs (フ5.0 mm)
|
ROHM[Rohm]
|
0034.5619.XX 0034.5610.XX 0034.5611.XX 0034.5612.X |
Directly solderable on printed circuit boards
|
Schurter Inc.
|
2SK1133 |
Directly driven by Ics having a 5V power source.
|
TY Semiconductor Co., Ltd
|