PART |
Description |
Maker |
2SB1197K A5800311 2SB1197KQ |
Low Frequency Transistor(-32V/ -0.8A) Transistors > Small Signal Bipolar Transistors(up to 0.6W) From old datasheet system Low Frequency Transistor(-32V, -0.8A) 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
Rohm
|
2SB1386 2SB1412 2SB1326 A5800356 2SB1436 |
From old datasheet system Low Frequency Transistor(-20V/-5A) Low Frequency Transistor(-20V,-5A) 低频晶体管(- 20V的,- 5A型)
|
Rohm Toshiba, Corp.
|
KSC815 KSC815YTA_NL KSC815COBU KSC815CYBU KSC815CY |
NPN Epitaxial Silicon Transistor Low Frequency Amplifier & High Frequency Oscillator
|
FAIRCHILD[Fairchild Semiconductor]
|
2SC3355 2SC3355-T |
For amplify low noise and high frequency HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
|
NEC[NEC]
|
2SC5397 |
TRANSISTOR FOR LOW FREQUENCY AMPLIFY, MEDIAM FREQUENCY AMPLIFY SILICON NPN EPITAXIAL TYPE MICRO
|
Isahaya Electronics Cor...
|
KSC1623GMTF KSC1623YMTF KSC1623 KSC1623Y KSC1623G |
NPN Epitaxial Silicon Transistor Low Frequency Amplifier & High Frequency OSC.
|
FAIRCHILD[Fairchild Semiconductor]
|
15C01M12 EN7505A EN7505 |
Bipolar Transistor, 15V, 0.7A, Low VCE(sat) NPN Single MCP Low-Frequency General-Purpose Amplifier Applications Low-Frequency General-Purpose Amplifier Applications
|
ON Semiconductor Sanyo Semicon Device
|
KTB1772 |
General Purpose Transistor EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
EN8278B CPH5901F-TL-E CPH590112 CPH5901G-TL-E CPH5 |
N-Channel JFET and NPN Bipolar Transistor, 15V, 6 to 20mA, 50V, 150mA, Composite type CPH5 High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
|
ON Semiconductor Sanyo Semicon Device
|
2SC5537 |
NPN Epitaxial Planar Silicon Transistor Low-Voltage, Low-Current High-frequency Amplifier Applications
|
SANYO[Sanyo Semicon Device]
|
2SD2162 2SD2162-AZ |
8 A, 100 V, NPN, Si, POWER TRANSISTOR NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
|
NEC
|