PART |
Description |
Maker |
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
MJE240 MJE243 MJE252 MJE254 MJE241 MJE242 MJE244 M |
Leaded Power Transistor General Purpose COMPLEMENTARY SILICON POWER TRANSISTORS 4 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-126 (MJE250 - MJE254 / MJE240 - MJE244) COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp] http://
|
MJ15003 MJ15004 ON1980 |
From old datasheet system 20 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 250 WATTS POWER TRANSISTORS COMPLEMENTARY SILICON 20 A, 140 V, PNP, Si, POWER TRANSISTOR, TO-204AA
|
MOTOROLA INC MOTOROLA[Motorola, Inc] ON Semiconductor
|
MJB42CT4 MJB41C MJB41CT4 MJB42C MJB41C-D |
Complementary Silicon Plastic Power Transistors D2PAK for Surface Mount Complementary Silicon Plastic Power Transistors 6 A, 100 V, PNP, Si, POWER TRANSISTOR Complementary Silicon Plastic Power Transistors 6 A, 100 V, NPN, Si, POWER TRANSISTOR
|
http:// ONSEMI[ON Semiconductor]
|
2N6488 2N6491 2N6487 2N6490 ON0097 |
15AMPERE COMPLEMENTARY COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system
|
ONSEMI[ON Semiconductor]
|
MJ15015 MJ15016 MJ2955A ON0037 2N3055 2N3055A |
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 120 VOLTS 115, 180 WATTS 15 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-204AA 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 / 120 VOLTS 115 / 180 WATTS From old datasheet system 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 120 VOLTS 115 180 WATTS Complementary Slllcon
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
D45VH D44VH |
Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
|
ONSEMI[ON Semiconductor]
|
2N3055-D 2N3055/D |
Complementary Silicon Power Transistors 互补硅功率晶体管 Complementary Silicon High-Power Transistors
|
Microsemi, Corp. ON Semiconductor
|
TIP121 TIP120 TIP127 TIP122 TIP126 TIP125 ON2979 |
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system
|
ON Semiconductor MOTOROLA[Motorola, Inc]
|
CMBT3904E10 CMBT3906E CMBT3904E-15 |
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS COMPLEMENTARY FEMTOminiTM SILICON TRANSISTORS
|
Central Semiconductor Corp Central Semiconductor C...
|
MJ21195G MJ21195G-13 |
Silicon Power Transistors 16 AMPERES COMPLEMENTARY SILICON
|
ON Semiconductor
|
2N6487 2N6488 2N6490 2N6491 2N6487-D |
COMPLEMENTARY SILICON POWER TRANSISTORS Complementary Silicon Plastic Power Transistors Complementary Silicon Plastic
Power Transistors
2N6487
|
ONSEMI[ON Semiconductor]
|