PART |
Description |
Maker |
SFS2326 SFS2328 SFS2329 |
1.6 AMPS 200 - 400 VOLTS SILICON CONTROLLED RECTIFIER 1.6 A, 200 V, SCR, TO-5
|
Solid State Devices, Inc. SOLID STATE DEVICES INC
|
PPF360M |
N Channel MOSFET; Package: TO-254; ID (A): 14; RDS(on) (Ohms): 0.2; PD (W): 200; BVDSS (V): 400; Rq: 0.63; 23 A, 400 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254AA
|
Microsemi, Corp.
|
Q4008R455 Q4X8E373 Q4X8E373AP Q4015R552 Q4015R553 |
400 V, 8 A, TRIAC, TO-220AB 400 V, 0.8 A, TRIAC, TO-92 400 V, 15 A, TRIAC, TO-220AB 500 V, 4 A, TRIAC, TO-202AB 800 V, 4 A, TRIAC, TO-220AB 800 V, 10 A, TRIAC, TO-220AB 200 V, 8 A, TRIAC 200 V, 10 A, TRIAC
|
|
SC3040B |
400.0 MHz Differential Sine-Wave Clock
|
RFM[RF Monolithics, Inc]
|
B-393P |
Center Off, 200 Amps, 120/208 VAC, 50/60/400 Hz
|
Tyco Electronics
|
DH-7ZAB |
DH-7ZAB 3PDT, 50 Amps,115/200 VAC, 400 Hz
|
Tyco Electronics
|
JHS-142 JHS-142PIN |
Surface Mount Quadrature Hybrid 200 - 400 MHz
|
MACOM[Tyco Electronics]
|
D-25BD |
3PDT, 100 Amps, 115/200 VAC, 400 Hz
|
MACOM[Tyco Electronics]
|
B-233T |
B-233T 3PDT, 160 Amps, 115/200 VAC, 400 Hz
|
Tyco Electronics
|
BH-201B |
BH-201B 3PST N.O., 120 Amps,115/200 VAC, 400 Hz
|
Tyco Electronics
|
AD7690BRMZ |
18-Bit, 1.5 LSB INL, 400 kSPS PulSAR? Differential ADC in MSOP/QFN
|
Analog Devices
|
NOP04811CLTAG |
400/300/200/100 DPI High-Speed Photodiode Array
|
ON Semiconductor
|
|